Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


K-LC7 Datasheet(PDF) 7 Page - RFbeam Microwave GmbH

Part No. K-LC7
Description  radar transciever
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RFBEAM [RFbeam Microwave GmbH]
Homepage  https://www.rfbeam.ch/
Logo 

   
 7 page
background image
© RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-LC7 | data sheet
12/2018 - Revision C | Page 7/7
Product
= K-LC7
Customer
= RFB
for standard
products
HW variant
= 00 for THT-type
= 01 for SMD-type
Supply
= H
for 3.2V…5V version
ORDERING INFORMATION
Figure 9: Ordering number structure
Ordering number
Description
K-LC7-RFB-00H
Standard K-LC7 THT-type
K-LC7-RFB-01H
Standard K-LC7 SMD-type
Table 2: Available ordering numbers
REVISION HISTORY
02/2018 – Revision A: Initial Version
10/2018 – Revision B: Change to supply current on page 2
Added Rx1/ Rx2 spacing on page 2
Change to Note 1 on page 2
Added table of contents
Added application information
12/2018 – Revision C: Removed turn on time in the transmitter characteristics
The ordering number consists of different parts with
the structure below.




Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl