Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  



K-MC1 Datasheet(HTML) 4 Page - RFbeam Microwave GmbH

Part No. K-MC1
Description  RADAR TRANSCEIVER
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RFBEAM [RFbeam Microwave GmbH]
Homepage  https://www.rfbeam.ch/
Logo 

K-MC1 Datasheet(HTML) 4 Page - RFbeam Microwave GmbH

   
Zoom Inzoom in Zoom Outzoom out
 4 page
background image
K-MC1 RADAR TRANSCEIVER
Datasheet
FM Characteristics
Carrier frequency can be modulated by means of a voltage applied to the VCO input.
This feature can be used for ranging applications using FMCW ( see also Fig. 4) or FSK
techniques.
FMCW needs good linearity in the frequency ramp. RFbeam provides a downloadable tool
"VCO-Lin" that allows calculating the non-linearity using 3 known frequency versus VCO
voltage points.
Fig. 3: Typical carrier frequency vs. VCO voltage
Pin Configuration
Pin
Description
Typical Value
1
/Enable
GND: module active
2
VCC
5V supply
3
GND
0V supply
4
IF output Q_AC
high gain output
5
IF output I_AC
high gain output
6
VCO in
5.0V = f0
(Range 0 .. 10V)
7
IF output I_DC
low gain output
8
IF output Q_DC
Low gain output
Outline Dimensions
Mounting instruction
Mount from back side using thread
marked with B:
M2.5 screws, screw depth < 3.5mm
Alternate mounting:
Original screws A may be unscrewed and
replaced by M2 screws for fixation on a holder.
K-MC1 modules must not be used without
screws in A.
The antenna PCB is glued into the case against
damage, but not for practical use of the module.
Fig. 4: Mechanical dimensions
© RFbeam Microwave GmbH, Schuppisstrasse 7, CH-9016 St. Gallen
Page 4/8


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn