Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K-MC4 Datasheet(PDF) 8 Page - RFbeam Microwave GmbH

Part # K-MC4
Description  MONOPULSE RADAR TRANSCEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-MC4 Datasheet(HTML) 8 Page - RFbeam Microwave GmbH

Back Button K-MC4 Datasheet HTML 3Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 4Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 5Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 6Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 7Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 8Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 9Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 10Page - RFbeam Microwave GmbH K-MC4 Datasheet HTML 11Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
K-MC4 MONOPULSE RADAR TRANSCEIVER
Datasheet
Using VCO and IF Outputs
The IF amplifier provides two outputs per channel according to Fig. 1. These outputs are designed for
different requirements in processing radar signals. Both I (imaginary) and Q (real) mixer signals are
available. The I and Q signals are phase shifted by +90° or -90°, depending on the moving direction of
objects in range. I1 and I2 (and Q1 and Q2) signals are phase shifted by the object deviation from the
normal axis (refer to chapter Fig. 3 ).
FMCW generates an output signal even without an object in range because of the finite isolation
between transmitter and receiver path. This effect is called self-mixing and leads to a DC signal that
depends on the carrier frequency.
Example showing a single target:
Triangle VCO Amplitude: 8Vpp
Triangle period
TM = 14ms.
Modulation depth
fM = 160MHz
IF output freq.
fb = 450Hz
I_AC and Q_AC outputs show a low
frequency caused by local carrier
feedthrough.
The superposed higher frequency fb
is often called beat frequency,
caused by a target at a distance of
about 3m.
Fig. 9: Ix and Qx Output FMCW signals with triangle VCO and df = 80MHz
Distance calculation
R
=
c
0
2
f
b
f M
T
M
2
= 3m approx
For legend refer to Fig. 9
R
Range, distance to target
c0
Speed of light (3 * 108 m/s)
Please contact RFbeam Microwave GmbH for more informations on FMCW and also on FSK
applications
Ix and Qx IF Outputs
These outputs provide amplified low noise signals generated by doppler effects or FMCW. They
directly can drive ADC input stages of microprocessors or DSPs. Even with 10Bit of resolution only,
sensitive and relatively long range Doppler detections are possible. The outputs cover a frequency
range of 15Hz ... 300kHz.
12Bit ADConverters are recommended for higher sensitivity to get optimal resolution for filtering and
signal processing.
© RFbeam Microwave GmbH, Schuppisstrasse 7, CH-9016 St. Gallen
Page 8/11


Similar Part No. - K-MC4

ManufacturerPart #DatasheetDescription
logo
RFbeam Microwave GmbH
K-MC1 RFBEAM-K-MC1 Datasheet
2Mb / 8P
   RADAR TRANSCEIVER
K-MC1 RFBEAM-K-MC1 Datasheet
653Kb / 2P
   Radar Evaluation Kit
K-MC1_LP RFBEAM-K-MC1_LP Datasheet
1Mb / 5P
   RADAR TRANSCEIVER
K-MC3 RFBEAM-K-MC3 Datasheet
1Mb / 8P
   RADAR TRANSCEIVER
More results

Similar Description - K-MC4

ManufacturerPart #DatasheetDescription
logo
RFbeam Microwave GmbH
K-HC1 RFBEAM-K-HC1 Datasheet
997Kb / 8P
   RADAR TRANSCEIVER
K-LC4 RFBEAM-K-LC4 Datasheet
385Kb / 4P
   radar transceiver
K-LC2 RFBEAM-K-LC2 Datasheet
592Kb / 5P
   RADAR TRANSCEIVER
K-LC1A RFBEAM-K-LC1A Datasheet
444Kb / 6P
   RADAR TRANSCEIVER
K-LC5_V3 RFBEAM-K-LC5_V3 Datasheet
307Kb / 5P
   RADAR TRANSCEIVER
K-LC6 RFBEAM-K-LC6 Datasheet
335Kb / 6P
   RADAR TRANSCEIVER
K-LC3_V2 RFBEAM-K-LC3_V2 Datasheet
440Kb / 4P
   RADAR TRANSCEIVER
K-LD2 RFBEAM-K-LD2 Datasheet
1Mb / 20P
   radar transceiver
K-LD2-EVAL RFBEAM-K-LD2-EVAL Datasheet
1Mb / 13P
   radar transceiver
K-MC3 RFBEAM-K-MC3 Datasheet
1Mb / 8P
   RADAR TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com