Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  



K-MC4 Datasheet(HTML) 3 Page - RFbeam Microwave GmbH

Part No. K-MC4
Description  MONOPULSE RADAR TRANSCEIVER
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RFBEAM [RFbeam Microwave GmbH]
Homepage  https://www.rfbeam.ch/
Logo 

K-MC4 Datasheet(HTML) 3 Page - RFbeam Microwave GmbH

 
Zoom Inzoom in Zoom Outzoom out
 3 page
background image
K-MC4 MONOPULSE RADAR TRANSCEIVER
Datasheet
Parameter
Conditions / Notes
Symbol
Min
Typ
Max
Unit
Antenna
TX vertical -3dB beamwidth
E-Plane
Wφ
12
°
TX horizontal -3dB beamwidth
H-Plane
Wθ
30
°
RX vertical-3dB beamwidth
E-Plane
Wφ
12
°
RX horizontal -3dB beamwidth
H-Plane
Wθ
40
°
Horiz. sidelobe suppression
Dφ
-20
dB
Vert. sidelobe suppression
Dθ
-20
dB
Rx1, Rx2 mechanical distance
dRx
13.7
mm
Body
Outline Dimensions
Connector left unconnected
98*78*7
mm3
Weight
90
g
Connector
Module side: AMP X-338069-8
8
Pins
Antenna System Diagram
This diagram shows module sensitivity (output voltage) in both azimuth and elevation directions. It
incorporates the transmitter and one receiver antenna characteristic.
Azimuth 30° , Elevation 12°
At IF output voltage -6dB
(corresponds to -3dB Tx power)
Fig. 2: Antenna system diagram
© RFbeam Microwave GmbH, Schuppisstrasse 7, CH-9016 St. Gallen
Page 3/11


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn