Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF


K-TS1 Datasheet(PDF) 5 Page - RFbeam Microwave GmbH

Part No. K-TS1
Description  RADAR TESTSYSTEM
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RFBEAM [RFbeam Microwave GmbH]
Homepage  https://www.rfbeam.ch/
Logo 

 
 5 page
background image
K-TS1 RADAR TESTSYSTEM
Datasheet
Startup Message and Sections
K-TS1 sends the following screen after receiving an [Enter] key from the terminal program:
RFbeam K-TS1 24GHz Test System #09160219
==============================================
Program Version V3.01 Jan 27 2011
[c] CW Carrier on/off
:
0
[0=off, 1=on]
[t] Target on/off
:
0
[0=off, 1=on]
[f] TX-frequency
:
24.125 [23.000 .. 25.000GHz]
[q,w,e] Frequency ++
[i,o,p] Frequency –
[g] Target Frequency
:
200
[-9999 .. 9999Hz]
System commands
[s] Setup
[r] Store to EEPROM
[b] Jump in Bootloader
Setup commands
[m] Measure f/P once
[l] Measure f/P in loop
[a] Cyclic table update
:
0
[0=off, 1=on]
Display commands
[-] Transmitter EIRP
:
[dBm]
[-] IF1 power
:
[dBm]
[-] IF2 power
:
[dBm]
[-] AUX power
:
[dBm]
[-] Target EIRP
:
[dBm]
K-TS1 measuring results
displayed at command "a1"
==>
K-TS1 command and result line
Fig. 4: K-TS1 output structure at a standard terminal program
K-TS1 Command Set
Overview
All commands must be followed by an [Enter] key (ASCII 0x0d). Exception: Fast up ([q], [w], [e]) and
down ([i], [o], [p]) adjustment keys. Cyclic operations can be cancelled by [Enter] or [Esc] keys.
Key
Param.
System Reaction
c
0 | 1
K-TS1 transmits a CW carrier at a frequency set by [f].
t
0 | 1
Turns on the Doppler target simulator. The signal received at "target Rx antenna" will be amplified, SSB
modulated by the programmable target frequency and sent back via the "target Tx antenna". Tip: do not
use cyclic inline display [l] when using this function. Otherwise there will possibly be distortions in the
doppler signal.
f
23.000 ...
25.000
Carrier frequency is set to f with a resolution of 1 MHz.
Please note, that all digits including the decimal point must be entered.
q,w,e
--
Fast frequency increase by 1MHz, 10MHz, 100MHz. This is very handy for frequency sweep by a host
computer.
i, o, p
--
Fast frequency decrease by 1MHz, 10MHz, 100MHz
g
-9999 ...
9999
Target simulator frequency may be set with a resolution of 1Hz. The sign sets the simulated direction of the
target. A positive value will simulate a forward moving target and a negative value a backward moving
target. Please note, that all digits including leading zeroes must be entered.
Range for K-TS1 with Firmware smaller then V3.01 = 0 .. 4000Hz
Range for K-TS1 with Firmware equal or higher then V3.01 = -9999 .. 9999Hz
s
--
Calibration and special mode settings values for the K-TS1 system. See Special I/O Settings
r
--
Nonvolatile storage of the actual settings. Use this functions for standalone operation of K-TS1
b
--
This command is used for updating K-TS1 firmware. Refer to the release notes on http://www.rfbeam.ch/
m
--
Performs a "oneshot" measurement of Rx frequency, Rx power and Power at the "Aux" connector
l
--
Performs a "cyclic" measurement of Rx frequency, Rx power and Power at the "Aux" connector. Stop cyclic
display by [Esc]. Tip: Switch doppler target off when using this function.
a
0 | 1
Performs a "cyclic" measurement of internal values (refer to Fig. 4). Turn CW carrier on to get values.
Enter
Enters commands and refreshes the screen
Esc
Escapes/stops running command [l] and refreshes the screen
© RFbeam Microwave GmbH www.rfbeam.ch
2011-03-11
Page 5/13
key
description
actual values




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl