Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF


K-TS1 Datasheet(PDF) 2 Page - RFbeam Microwave GmbH

Part No. K-TS1
Description  RADAR TESTSYSTEM
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RFBEAM [RFbeam Microwave GmbH]
Homepage  https://www.rfbeam.ch/
Logo 

 
 2 page
background image
K-TS1 RADAR TESTSYSTEM
Datasheet
K-TS1 Subsystems
The K-TS1 testsystem consists of 3 RF subsystems and 2 infrastructure subsystems:
1
Target Simulator:
This subsystem simulates a moving object generating a stereo
doppler signal.
It receives the 24GHz carrier signal of a K-band doppler module
and sends back a signal corresponding to an approaching target
with a programmable frequency of -9999Hz to 9999Hz, where the
sign simulates the direction of the target.
2
Measuring System:
This subsystem may be used for measuring RF characteristics of
K-band receivers, transmitters and transceivers.
It sends a programmable, highly stable carrier frequency from
23...25GHz to a 4x4 path array antenna. At the same time, the
RF generator is used as LO for the receiver.
The receiver part allows measuring incoming RF power at a
separate patch antenna. It also delivers signals for a high preci-
sion frequency determination of the incoming RF signal.
3
AUX RF Power Meter:
This subsystems measures the input power arriving at an RF
connector.
It may be used e.g. for measuring the system sensitivity of
external receivers, antenna test stands etc.
4
Microcontroller System:
This subsystem controls all RF systems and builds the interface
to hostsystems. It may be configured to operate K-TS1 as
standalone system as well as under full host control.
The TTL I/O is used to communicate with external hardware.
The USB host interface assures a universal communication
either with terminal emulation program or with high sophisticated,
automated test stands.
5
Power Supply:
K-TS1 may be operated from simple 15V..24VDC adaptors.
Fig. 2: Block Diagram
© RFbeam Microwave GmbH www.rfbeam.ch
2011-03-11
Page 2/13
log
log
PLL
23...25GHz
VCO
+/- 9999Hz
DDS
SSB
Modulator
log
DC
DC
LNA
USB
TTL I/O
AUX RF Power In
15 – 24VDC Supply
Status
Rx
Tx
Target Simulator
Measuring System
Tx
Rx
IF1
IF2
350MHz
1.6MHz
IF preamp
0.1..350MHz
1
2
3
4
5




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl