Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  



KNB2520 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

Part No. KNB2520
Description  Polypropylene film, metallized
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

KNB2520 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 2 page
background image
2
Casing: thermoplastic,
sealed with synthetical resin
Thermoplastic material is self-extinguishing according to UL 94, class V-0.
Terminals
Type
Terminal length
Type of terminals
KNB2520
3+0,5, 4±0,5, 6-1, 9+1,15±2, 20±2, 25+5, 30+5, 50±5 mm, other on request
Tinned copper wire
KNB2522
20 to 200 mm
Insulated stranded wire 0,5 mm2
KNB2523
20 to 200 mm
Insulated solid wire ø 0,8 mm
End terminals on request
Capaci-
tance
C
(pF)
Dimensions
300 V AC
For capacitors with insulated leads on request
Lmax
(mm)
Hmax
(mm)
Wmax
(mm)
PCM
(mm)
ø
(mm)
UL 1283
300 V AC
UL 1414
250 V AC
C22.2 No.8
275 V AC
GB/T14472
250 V AC
C22.2 No.1
125 V/250 V
E384-14-95
300 V AC
1000
13
9,5
4,3
10
0,6
1500
13
9,5
4,3
10
0,6
2200
13
9,5
4,3
10
0,6
2500
13
9,5
4,3
10
0,6
2700
13
9,5
4,3
10
0,6
2800
13
9,5
4,3
10
0,6
3300
13
10,5
5
10
0,6
4700
13
11,5
6
10
0,6
5000
13
11,5
6
10
0,6
6800
13
12
6
10
0,6
6800
18
11
5,5
15
0,8
10000
18
11
5,5
15
0,8
15000
18
12
6
15
0,8
22000
18
13
7
15
0,8
25000
18
13,5 7,5
15
0,8
27000
18
13,5 7,5
15
0,8
33000
18
14,5
9
15
0,8
39000
18
18,5
9
15
0,8
47000
18
18,5
9
15
0,8
33000
26,5
14
6
22,5 0,8
39000
26,5
15
6
22,5 0,8
47000
26,5
16
7
22,5 0,8
56000
26,5 16,5 8,5 22,5 0,8
68000
26,5
17
8,5 22,5 0,8
100000
27
19
10,5 22,5 0,8
120000 26,5 21,5
11
22,5 0,8
150000 26,5 21,5 18.5 22,5 0,8
Standard values KNB2520, KNB2522, KNB2523, 250 V AC, 300 V AC, class Y2
Approvals in use = •
Approvals in pending = o


Html Pages

1  2 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn