Electronic Components Datasheet Search
  English  ā–¼

Delete All
ON OFF


RF96 Datasheet(PDF) 15 Page - HOPE Microelectronics CO., Ltd.

Part No. RF96
Description  Low Power Long Range Transceiver
Download  121 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HOPE [HOPE Microelectronics CO., Ltd.]
Homepage  https://www.hoperf.com/
Logo 

 15 page
background image
Page 15
RF96/97/98
Tel: +86-755-82973805
Fax: +86-755-82973550
E-mail: sales@hoperf.com http://www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
ACR
Adjacent Channel Rejection
FDA = 5 kHz, BR=4.8kb/s
Offset = +/- 25 kHz or +/- 50kHz
169MHz Band
434 MHz Band
8-900 MHz Band
-
-
-
59
56
50
-
-
-
dB
dB
dB
BI_HF
Blocking Immunity, higher bands
Offset = +/- 1 MHz
Offset = +/- 2 MHz
Offset = +/- 10 MHz
-
-
-
71
76
84
-
-
-
dB
dB
dB
BI_LF
Blocking Immunity, lower bands
Offset = +/- 1 MHz
Offset = +/- 2 MHz
Offset = +/- 10 MHz
-
-
-
71
72
78
-
-
-
dB
dB
dB
IIP2
2nd order Input Intercept Point
Unwanted tones are 20 MHz
above the LO
Highest LNA gain
-
+55
-
dBm
IIP3_HF
3rd order Input Intercept point
Unwanted tones are 1MHz and
1.995 MHz above the LO
Higher bands
Highest LNA gain G1
LNA gain G2, 4dB sensitivity hit
-
-
-12.5
-8.5
-
-
dBm
dBm
IIP3_LF
3rd order Input Intercept point
Unwanted tones are 1MHz and
1.995 MHz above the LO
Lower bands
Highest LNA gain G1
LNA gain G2, 2.5dB sensitivity hit
-
-
-22
-16
-
-
dBm
dBm
BW_SSB
Single Side channel filter BW
Programmable
2.7
-
250
kHz
IMR
Image Rejection
Wanted signal 3dB over sensitivity
BER=0.1%
-
48
-
dB
IMA
Image Attenuation
-
57
-
dB
DR_RSSI
RSSI Dynamic Range
AGC enabled
Min
Max
-
-
-127
0
-
-
dBm
dBm
*
RxBw = 83 kHz (Single Side Bandwidth)
**
RxBw = 50 kHz (Single Side Bandwidth)
***
RxBw = 250 kHz (Single Side Bandwidth)
2.4.4. FSK/OOK Mode Transmitter
Table 54 Transmitter Specification
Symbol
Description
Conditions
Min
Typ
Max
Unit
RF_OP
RF output power in 50 ohms
on RFO pin (High efficiency PA).
Programmable with steps
Max
Min
+11
-
+14
-1
-
-
dBm
dBm
Ī”RF_
OP_V
RF output power stability on RFO
pin versus voltage supply.
VDD = 2.5 V to 3.3 V
VDD = 1.8 V to 3.7 V
-
-
3
8
-
-
dB
dB
RF_OPH
RF output power in 50 ohms, on
PA_BOOST pin (Regulated PA).
Programmable with 1dB steps
Max
Min
-
-
+17
+2
-
-
dBm
dBm




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl