Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET


RFM95 Datasheet(HTML) 92 Page - HOPE Microelectronics CO., Ltd.

Part No. RFM95
Description  Low Power Long Range Transceiver Module
Download  121 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HOPE [HOPE Microelectronics CO., Ltd.]
Homepage  https://www.hoperf.com/
Logo 

RFM95 Datasheet(HTML) 92 Page - HOPE Microelectronics CO., Ltd.

Zoom Inzoom in Zoom Outzoom out
 92 page
background image
Page 92
RFM95/96/97/98(W)
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Name
(Address)
Bits
Variable Name
Mode
Default
value
FSK/OOK Description
7-5
unused
r
-
unused
4
AgcStart
wt
0x00
Triggers an AGC sequence when set to 1.
3
reserved
rw
0x00
reserved
2
unused
-
-
unused
1
AfcClear
wc
0x00
Clear AFC register set in Rx mode. Always reads 0.
RegAfcFei
(0x1a)
0
AfcAutoClearOn
rw
0x00
Only valid if AfcAutoOn is set
0
AFC register is not cleared at the beginning of the automatic
AFC phase
1
AFC register is cleared at the beginning of the automatic
AFC phase
RegAfcMsb
(0x1b)
7-0
AfcValue(15:8)
rw
0x00
MSB of the AfcValue, 2’s complement format. Can be used to
overwrite the current AFC value
RegAfcLsb
(0x1c)
7-0
AfcValue(7:0)
rw
0x00
LSB of the AfcValue, 2’s complement format. Can be used to
overwrite the current AFC value
RegFeiMsb
(0x1d)
7-0
FeiValue(15:8)
rw
-
MSB of the measured frequency offset, 2’s complement. Must be
read before RegFeiLsb.
RegFeiLsb
(0x1e)
7-0
FeiValue(7:0)
rw
-
LSB of the measured frequency offset, 2’s complement
Frequency error =
FeiValue x Fstep
7
PreambleDetectorOn
rw
0x01
*
Enables Preamble detector when set to 1. The AGC settings
supersede this bit during the startup / AGC phase.
0
Turned off
1
Turned on
6-5
PreambleDetectorSize
rw
0x01
*
Number of Preamble bytes to detect to trigger an interrupt
00
1 byte
10
3 bytes
01
2 bytes
11
Reserved
RegPreambleDetect
(0x1f)
4-0
PreambleDetectorTol
rw
0x0A
*
Number or chip errors tolerated over PreambleDetectorSize.
4 chips per bit.
RegRxTimeout1
(0x20)
7-0
TimeoutRxRssi
rw
0x00
Timeout
interrupt is generated TimeoutRxRssi*16*Tbit after
switching to Rx mode if Rssi interrupt doesn’t occur (i.e.
RssiValue > RssiThreshold)
0x00: TimeoutRxRssi is disabled
RegRxTimeout2
(0x21)
7-0
TimeoutRxPreamble
rw
0x00
Timeout
interrupt is generated TimeoutRxPreamble*16*Tbit after
switching to Rx mode if Preamble interrupt doesn’t occur
0x00: TimeoutRxPreamble is disabled
RegRxTimeout3
(0x22)
7-0
TimeoutSignalSync
rw
0x00
Timeout
interrupt is generated TimeoutSignalSync*16*Tbit after
the Rx mode is programmed, if SyncAddress doesn’t occur
0x00: TimeoutSignalSync is disabled
RegRxDelay
(0x23)
7-0
InterPacketRxDelay
rw
0x00
Additional delay before an automatic receiver restart is launched:
Delay = InterPacketRxDelay*4*Tbit
RC Oscillator registers


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn