Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET


RFM95 Datasheet(HTML) 11 Page - HOPE Microelectronics CO., Ltd.

Part No. RFM95
Description  Low Power Long Range Transceiver Module
Download  121 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HOPE [HOPE Microelectronics CO., Ltd.]
Homepage  https://www.hoperf.com/
Logo 

RFM95 Datasheet(HTML) 11 Page - HOPE Microelectronics CO., Ltd.

Zoom Inzoom in Zoom Outzoom out
 11 page
background image
Page 11
RFM95/96/97/98(W)
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
1.4. Pin Description
 
Number
 
 
Name
 
 
Type
 
 
Description
 
Description Stand Alone Mode
 
1
 
GND
-
 
 
Ground
 
2
 
MISO
I
 
 
SPI Data output
 
3
 
MOSI
O
 
 
SPI Data input
 
4
 
SCK
I
 
 
SPI Clock input
 
5
 
NSS
I
 
 
SPI Chip select input
 
6
 
RESET
I/O
 
 
Reset trigger input
 
7
 
DIO5
I/O
 
 
Digital I/O, software configured
 
8
 
GND
-
 
 
Ground
 
9
ANT
-
 
 
RF signal output/input.
 
10
GND
-
 
 
Ground
 
11
DIO3
I/O
 
 
Digital I/O, software configured
 
12
DIO4
I/O
 
 
Digital I/O, software configured
 
13
3.3V
-
 
 
Supply voltage
 
14
DIO0
I/O
 
 
Digital I/O, software configured
 
15
DIO1
I/O
 
 
Digital I/O, software configured
 
16
DIO2
I/O
 
 
Digital I/O, software configured
 


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn