Electronic Components Datasheet Search
  English  ā–¼

Delete All
ON OFF


RFM95 Datasheet(PDF) 12 Page - HOPE Microelectronics CO., Ltd.

Part No. RFM95
Description  Low Power Long Range Transceiver Module
Download  121 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HOPE [HOPE Microelectronics CO., Ltd.]
Homepage  https://www.hoperf.com/
Logo 

 12 page
background image
Page 12
RFM95/96/97/98(W)
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
2. Electrical Characteristics
2.1. ESD Notice
The RFM95/96/97/98(W) is a high performance radio frequency device. It satisfies:
Class 2 of the JEDEC standard JESD22-A114-B (Human Body Model) on all pins.
Class III of the JEDEC standard JESD22-C101C (Charged Device Model) on all pins
It should thus be handled with all the necessary ESD precautions to avoid any permanent damage.
2.2. Absolute Maximum Ratings
Stresses above the values listed below may cause permanent device failure. Exposure to absolute maximum ratings for
extended periods may affect device reliability.
Table 49 Absolute Maximum Ratings
Symbol
Description
Min
Max
Unit
VDDmr
Supply Voltage
-0.5
3.9
V
Tmr
Temperature
-55
+115
Ā° C
Tj
Junction temperature
-
+125
Ā° C
Pmr
RF Input Level
-
+10
dBm
Note
Specific ratings apply to +20 dBm operation (see Section 5.4.3).
2.3. Operating Range
Table 50 Operating Range
Symbol
Description
Min
Max
Unit
VDDop
Supply voltage
1.8
3.7
V
Top
Operational temperature range
-20
+70
Ā°C
Clop
Load capacitance on digital ports
-
25
pF
ML
RF Input Level
-
+10
dBm
Note
A specific supply voltage range applies to +20 dBm operation (see Section 5.4.3).




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl