Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET


RFM95 Datasheet(HTML) 41 Page - HOPE Microelectronics CO., Ltd.

Part No. RFM95
Description  Low Power Long Range Transceiver Module
Download  121 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  HOPE [HOPE Microelectronics CO., Ltd.]
Homepage  https://www.hoperf.com/
Logo 

RFM95 Datasheet(HTML) 41 Page - HOPE Microelectronics CO., Ltd.

Zoom Inzoom in Zoom Outzoom out
 41 page
background image
Page 41
RFM95/96/97/98(W)
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Table 63 DIO Mapping LoRa
TM
 
Mode
Operating
Mode
DIOx
Mapping
DIO5
DIO4
DIO3
DIO2
DIO1
DIO0
00
ModeReady
CadDetected
CadDone
FhssChangeChannel
RxTimeout
RxDone
01
ClkOut
PllLock
ValidHeader
FhssChangeChannel
FhssChangeChannel
TxDone
10
ClkOut
PllLock
PayloadCrcError
FhssChangeChannel
CadDetected
CadDone
ALL
11
-
-
-
-
-
-
4.2. FSK/OOK Modem
4.2.1. Bit Rate Setting
The bitrate setting is referenced to the crystal oscillator and provides a precise means of setting the bit rate (or equivalently
chip) rate of the radio. In continuous transmit mode (Section 3.2.2) the data stream to be transmitted can be input directly
to the modulator via pin 9 (DIO2/DATA) in an asynchronous manner, unless Gaussian filtering is used, in which case the
DCLK signal on pin 10 (DIO1/DCLK) is used to synchronize the data stream. See section 4.2.2.3 for details on the
Gaussian filter.
In Packet mode or in Continuous mode with Gaussian filtering enabled, the Bit Rate (BR) is controlled by bits Bitrate in
RegBitrateMsb and RegBitrateLsb
BitRate = ---------------------------
F
----
X
----
O
-----
S
---
C
------------------------------
BitRate(15,0) + -----
i
--
t
--
r
--
a
----
t
--
e
---
F
----
r
--
a
----
c
-
16
Note:
BitrateFrac bits have no effect (i.e may be considered equal to 0) in OOK modulation mode.
The quantity BitrateFrac is hence designed to allow very high precision (max. 250 ppm programing resolution) for any
bitrate in the programmable range. Table 64 below shows a range of standard bitrates and the accuracy to within which
they may be reached.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn