Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM95 Datasheet(PDF) 47 Page - HOPE Microelectronics CO., Ltd.

Part # RFM95
Description  Low Power Long Range Transceiver Module
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM95 Datasheet(HTML) 47 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM95 Datasheet HTML 43Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 44Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 45Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 46Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 47Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 48Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 49Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 50Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 51Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 121 page
background image
Page 47
RFM95/96/97/98(W)
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
4.2.3.4. Frequency Error Indicator
This frequency error indicator measures the frequency error between the programmed RF centre frequency and the carrier
frequency of the modulated input signal to the receiver. When the FEI is performed, the frequency error is measured and
the signed result is loaded in FeiValue in RegFei, in 2’s complement format. The time required for an FEI evaluation is 4 bit
periods.
To ensure correct operation of the FEI:
The measurement must be launched during the reception of preamble.
The sum of the frequency offset and the 20 dB signal bandwidth must be lower than the base band filter bandwidth. i.e.
The whole modulated spectrum must be received.
The 20 dB bandwidth of the signal can be evaluated as follows (double-side bandwidth):
=
× ⎛
+ -------⎞
BW
20dB
2
⎝FDEV
2 ⎠
The frequency error, in Hz, can be calculated with the following formula:
FEI = F
STEP × FeiValue
RFM96/7/8 in Rx mode
Preamble-modulated input signal
Signal level > Sensitivity
Set FeiStart
= 1
FeiDone
No
= 1
Yes
Read
FeiValue
Figure 16. FEI Process


Similar Part No. - RFM95

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM95CW HOPE-RFM95CW Datasheet
230Kb / 6P
   915MHz LoRa Transceiver Module
RFM95CW-915S2 HOPE-RFM95CW-915S2 Datasheet
230Kb / 6P
   915MHz LoRa Transceiver Module
RFM95PW HOPE-RFM95PW Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
RFM95PW-868S2 HOPE-RFM95PW-868S2 Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
RFM95PW-915S2 HOPE-RFM95PW-915S2 Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
More results

Similar Description - RFM95

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM92W-868S2 ETC2-RFM92W-868S2 Datasheet
2Mb / 126P
   Low Power Long Range Transceiver Module
RFM95W-868S2 ETC2-RFM95W-868S2 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
logo
HOPE Microelectronics C...
RFM92W HOPE-RFM92W Datasheet
4Mb / 123P
   Low Power Long Range Transceiver Module V1.0
RFM93W HOPE-RFM93W Datasheet
4Mb / 126P
   Low Power Long Range Transceiver Module V2.0
logo
Microchip Technology
RN2903 MICROCHIP-RN2903 Datasheet
1Mb / 24P
   Low-Power Long Range LoRa Technology Transceiver Module
07/14/15
RN2483 MICROCHIP-RN2483_15 Datasheet
1Mb / 20P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
07/14/15
RN2903 MICROCHIP-RN2903_18 Datasheet
1Mb / 26P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
10/25/17
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
   Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
   Low Power Long Range Transceiver
logo
HOPE Microelectronics C...
RF96 HOPE-RF96 Datasheet
2Mb / 121P
   Low Power Long Range Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com