Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM95 Datasheet(PDF) 72 Page - HOPE Microelectronics CO., Ltd.

Part # RFM95
Description  Low Power Long Range Transceiver Module
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM95 Datasheet(HTML) 72 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM95 Datasheet HTML 68Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 69Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 70Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 71Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 72Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 73Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 74Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 75Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 76Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 121 page
background image
Page 72
RFM95/96/97/98(W)
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
Address Based
Address filtering can be enabled via the AddressFiltering bits. It adds another level of filtering, above Sync word (i.e. Sync
must match first), typically useful in a multi-node networks where a network ID is shared between all nodes (Sync word)
and each node has its own ID (address).
Two address based filtering options are available:
AddressFiltering = 01
: Received address field is compared with internal register NodeAddress. If they match then the
packet is accepted and processed, otherwise it is discarded.
AddressFiltering = 10
: Received address field is compared with internal registers NodeAddress and BroadcastAddress.
If either is a match, the received packet is accepted and processed, otherwise it is discarded. This additional check with
a constant is useful for implementing broadcast in a multi-node networks
Please note that the received address byte, as part of the payload, is not stripped off the packet and is made available in
the FIFO. In addition, NodeAddress and AddressFiltering only apply to Rx. On Tx side, if address filtering is expected, the
address byte should simply be put into the FIFO like any other byte of the payload.
As address filtering requires a Sync word match, both features share the same interrupt flag SyncAddressMatch.
Length Based
In variable length Packet mode, PayloadLength must be programmed with the maximum payload length permitted. If
received length byte is smaller than this maximum then the packet is accepted and processed, otherwise it is discarded.
Please note that the received length byte, as part of the payload, is not stripped off the packet and is made available in the
FIFO.
To disable this function the user should set the value of the PayloadLength to 2047.
CRC Based
The CRC check is enabled by setting bit CrcOn in RegPacketConfig1. It is used for checking the integrity of the message.
On Tx side a two byte CRC checksum is calculated on the payload part of the packet and appended to the end of the
message
On Rx side the checksum is calculated on the received payload and compared with the two checksum bytes received.
The result of the comparison is stored in bit CrcOk.
By default, if the CRC check fails then the FIFO is automatically cleared and no interrupt is generated. This filtering function
can be disabled via CrcAutoClearOff bit and in this case, even if CRC fails, the FIFO is not cleared and only PayloadReady
interrupt goes high. Please note that in both cases, the two CRC checksum bytes are stripped off by the packet handler
and only the payload is made available in the FIFO. Two CRC implementations are selected with bit CrcWhiteningType.
Table 76
CRC Description
Crc Type
CrcWhiteningType
Polynomial
Seed Value
Complemented
CCITT
0 (default)
X16 + X12 + X5 + 1
0x1D0F
Yes
IBM
1
X16 + X15 + X2 + 1
0xFFFF
No
A C code implementation of each CRC type is proposed in Application Section 7.


Similar Part No. - RFM95

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM95CW HOPE-RFM95CW Datasheet
230Kb / 6P
   915MHz LoRa Transceiver Module
RFM95CW-915S2 HOPE-RFM95CW-915S2 Datasheet
230Kb / 6P
   915MHz LoRa Transceiver Module
RFM95PW HOPE-RFM95PW Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
RFM95PW-868S2 HOPE-RFM95PW-868S2 Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
RFM95PW-915S2 HOPE-RFM95PW-915S2 Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
More results

Similar Description - RFM95

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM92W-868S2 ETC2-RFM92W-868S2 Datasheet
2Mb / 126P
   Low Power Long Range Transceiver Module
RFM95W-868S2 ETC2-RFM95W-868S2 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
logo
HOPE Microelectronics C...
RFM92W HOPE-RFM92W Datasheet
4Mb / 123P
   Low Power Long Range Transceiver Module V1.0
RFM93W HOPE-RFM93W Datasheet
4Mb / 126P
   Low Power Long Range Transceiver Module V2.0
logo
Microchip Technology
RN2903 MICROCHIP-RN2903 Datasheet
1Mb / 24P
   Low-Power Long Range LoRa Technology Transceiver Module
07/14/15
RN2483 MICROCHIP-RN2483_15 Datasheet
1Mb / 20P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
07/14/15
RN2903 MICROCHIP-RN2903_18 Datasheet
1Mb / 26P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
10/25/17
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
   Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
   Low Power Long Range Transceiver
logo
HOPE Microelectronics C...
RF96 HOPE-RF96 Datasheet
2Mb / 121P
   Low Power Long Range Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com