Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RFM95 Datasheet(PDF) 74 Page - HOPE Microelectronics CO., Ltd.

Part # RFM95
Description  Low Power Long Range Transceiver Module
Download  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOPE [HOPE Microelectronics CO., Ltd.]
Direct Link  https://www.hoperf.com/
Logo HOPE - HOPE Microelectronics CO., Ltd.

RFM95 Datasheet(HTML) 74 Page - HOPE Microelectronics CO., Ltd.

Back Button RFM95 Datasheet HTML 70Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 71Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 72Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 73Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 74Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 75Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 76Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 77Page - HOPE Microelectronics CO., Ltd. RFM95 Datasheet HTML 78Page - HOPE Microelectronics CO., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 121 page
background image
Page 74
RFM95/96/97/98(W)
Tel: + 86-755-82973805
Fax: + 86-755-82973550
E-mail: sales@hoperf.com http:/ / www.hoperf.com
WIRELESS & SENSING
PRELIMINARY
DATASHEET
LFS R P o ly nom ia l =X 9 + X 5 + 1
X 8
X 7
X 6
X 5
X 4
X 3
X 2
X 1
X 0
Tra n s m it d a ta
W h ite n ed da ta
Figure 37. Data Whitening Polynomial
4.2.13.8. Beacon Tx Mode
In some short range wireless network topologies a repetitive message, also known as beacon, is transmitted periodically
by a transmitter. The Beacon Tx mode allows for the re-transmission of the same packet without having to fill the FIFO
multiple times with the same data.
When BeaconOn in RegPacketConfig2 is set to 1, the FIFO can be filled only once in Sleep or Stdby mode with the
required payload. After a first transmission, FifoEmpty will go high as usual, but the FIFO content will be restored when the
chip exits Transmit mode. FifoEmpty, FifoFull and FifoLevel flags are also restored.
This feature is only available in Fixed packet format, with the Payload Length smaller than the FIFO size. The control of the
chip modes (Tx-Sleep-Tx....) can either be undertaken by the microcontroller, or be automated in the Top Sequencer. See
example in section 4.2.13.8.
The Beacon Tx mode is exited by setting BeaconOn to 0, and clearing the FIFO by setting FifoOverrun to 1.
4.2.14. io-homecontrol® Compatibility Mode
The RFM95/96/97/98(W) features a io-homecontrol
®
compatibility mode. Please contact your local Hope RF
representative for details on its implementation.


Similar Part No. - RFM95

ManufacturerPart #DatasheetDescription
logo
HOPE Microelectronics C...
RFM95CW HOPE-RFM95CW Datasheet
230Kb / 6P
   915MHz LoRa Transceiver Module
RFM95CW-915S2 HOPE-RFM95CW-915S2 Datasheet
230Kb / 6P
   915MHz LoRa Transceiver Module
RFM95PW HOPE-RFM95PW Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
RFM95PW-868S2 HOPE-RFM95PW-868S2 Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
RFM95PW-915S2 HOPE-RFM95PW-915S2 Datasheet
675Kb / 6P
   Enhanced Power Long Range Transceiver Module
More results

Similar Description - RFM95

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RFM92W-868S2 ETC2-RFM92W-868S2 Datasheet
2Mb / 126P
   Low Power Long Range Transceiver Module
RFM95W-868S2 ETC2-RFM95W-868S2 Datasheet
1Mb / 121P
   Low Power Long Range Transceiver Module
logo
HOPE Microelectronics C...
RFM92W HOPE-RFM92W Datasheet
4Mb / 123P
   Low Power Long Range Transceiver Module V1.0
RFM93W HOPE-RFM93W Datasheet
4Mb / 126P
   Low Power Long Range Transceiver Module V2.0
logo
Microchip Technology
RN2903 MICROCHIP-RN2903 Datasheet
1Mb / 24P
   Low-Power Long Range LoRa Technology Transceiver Module
07/14/15
RN2483 MICROCHIP-RN2483_15 Datasheet
1Mb / 20P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
07/14/15
RN2903 MICROCHIP-RN2903_18 Datasheet
1Mb / 26P
   Low-Power Long Range LoRa짰 Technology Transceiver Module
10/25/17
logo
Semtech Corporation
SX1272IMLTRT SEMTECH-SX1272IMLTRT Datasheet
4Mb / 129P
   Low Power Long Range Transceiver
SX1276IMLTRT SEMTECH-SX1276IMLTRT Datasheet
3Mb / 132P
   Low Power Long Range Transceiver
logo
HOPE Microelectronics C...
RF96 HOPE-RF96 Datasheet
2Mb / 121P
   Low Power Long Range Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com