Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


CYT1000B Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part No. CYT1000B
Description  Output current is adjustable 5mA-60mA,constant current precision
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 
 8 page
background image
CYT Opto-Electronic Technology Co.,Ltd. -CYT1000B
Tel:0755-86168222
Fax:0755-86168622
Website: www.cyt.com.cn
- 8 -
the problem of stroboscopic, the PF value and power, increase the
capacitance can improve the power conversion efficiency by about 5%;
Capacitor C3 main anti surge buffer effect, avoid IC moment is punctured,
improve product reliability;
Resistance RS can be used to adjust the LED constant current value,
specific
see
IC
output
current
were
calculated
Integration of T8 fluorescent lamp scheme (0.5 90% efficiency without
stroboscopic PF)
3,Ic extension application solutions
IC control LED, respectively




Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl