Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


FP6276B Datasheet(PDF) 12 Page - Feeling Technology Corp.

Part No. FP6276B
Description  500kHz 6A High Efficiency Synchronous PWM Boost Converter
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FEELING [Feeling Technology Corp.]
Homepage  http://www.feeling-tech.com.tw/
Logo 

 
 12 page
background image
FP6276B
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.66
12/12
Package Outline
SOP-8L (EP)
Unit: mm
Exposed PAD Dimensions:
Note:
1. Package dimensions are in compliance with JEDEC outline: MS-012 AA.
2.
Dimension ”D” does not include molding flash, protrusions or gate burrs.
3.
Dimension “E” does not include inter-lead flash or protrusions.
Symbols
Min. (mm)
Max. (mm)
A
1.346
1.752
A1
0.050
0.152
A2
1.498
D
4.800
4.978
E
3.810
3.987
H
5.791
6.197
L
0.406
1.270
θ°
Symbols
Min. (mm)
Max. (mm)
D1
3.302 REF
E1
2.413 REF




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl