Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FP6276B Datasheet(PDF) 2 Page - Feeling Technology Corp.

Part # FP6276B
Description  500kHz 6A High Efficiency Synchronous PWM Boost Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

FP6276B Datasheet(HTML) 2 Page - Feeling Technology Corp.

  FP6276B Datasheet HTML 1Page - Feeling Technology Corp. FP6276B Datasheet HTML 2Page - Feeling Technology Corp. FP6276B Datasheet HTML 3Page - Feeling Technology Corp. FP6276B Datasheet HTML 4Page - Feeling Technology Corp. FP6276B Datasheet HTML 5Page - Feeling Technology Corp. FP6276B Datasheet HTML 6Page - Feeling Technology Corp. FP6276B Datasheet HTML 7Page - Feeling Technology Corp. FP6276B Datasheet HTML 8Page - Feeling Technology Corp. FP6276B Datasheet HTML 9Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FP6276B
This datasheet contains new product information.
Feeling Technology reserves the rights to modify the product specification without notice.
No liability is assumed as a result of the use of this product. No rights under any patent accompany the sales of the product.
Website: http://www.feeling-tech.com.tw
Rev. 0.66
2/12
Function Block Diagram
Error Amp.
Control
and
Driver
Logic
FB
0.6V
Soft
Start
GND
VDD
VDD
PWM
Comp.
LX
Current Sense
Amp.
PGND
Bulk Well
Switch
Oscillator
500KHz
Slope
Compensation
VO
EN
Shutdown
Circuitry
OTP
VIN
UVLO
Adjustable
Current Limit
OC
OCP
MUX
VDD
VO
VIN
Pin Descriptions
SOP-8L (EP)
1
2
3
4
8
7
6
5
LX
LX
EN
VO
OC
FB
GND
Top View
EP
(PGND)
Bottom View
VIN
Name
No.
I / O
Description
LX
1
I
Power Switch Output
LX
2
I
Power Switch Output
VIN
3
P
IC Power Supply
EN
4
I
Enable Control (Active High)
GND
5
P
IC Ground
FB
6
I
Error Amplifier Inverting Input
OC
7
I
Adjustable Current Limit (Floating Available)
VO
8
O
Output Voltage Pin
PGND
EP
P
IC Power Ground(Must connect to GND)


Similar Part No. - FP6276B

ManufacturerPart #DatasheetDescription
logo
Feeling Technology Corp...
FP6276 FEELING-FP6276 Datasheet
618Kb / 12P
   500kHz 6A High Efficiency Synchronous PWM Boost Converter
FP6276XR-G1 FEELING-FP6276XR-G1 Datasheet
618Kb / 12P
   500kHz 6A High Efficiency Synchronous PWM Boost Converter
More results

Similar Description - FP6276B

ManufacturerPart #DatasheetDescription
logo
Shenzhen Huazhimei Semi...
HM5175 HMSEMI-HM5175 Datasheet
754Kb / 11P
   500kHz 6A High Efficiency Synchronous PWM Boost Converter
logo
Feeling Technology Corp...
FP6276 FEELING-FP6276 Datasheet
618Kb / 12P
   500kHz 6A High Efficiency Synchronous PWM Boost Converter
FP6277 FEELING-FP6277 Datasheet
627Kb / 12P
   500kHz 7A High Efficiency Synchronous PWM Boost Converter
logo
Eutech Microelectronics...
EUP2459 EUTECH-EUP2459 Datasheet
60Kb / 1P
   2.5A, 500KHz Synchronous Boost Converter
logo
E-CMOS Corporation
EC90X9 E-CMOS-EC90X9 Datasheet
574Kb / 9P
   High efficiency synchronous boost converter
logo
Global Mixed-mode Techn...
G5313 GMT-G5313 Datasheet
57Kb / 1P
   High Efficiency 6A Synchronous Buck Converter
logo
uPI Group Inc.
UP6013 UPI-UP6013 Datasheet
218Kb / 12P
   High Efficiency Synchronous Rectifier Boost Converter PWM Output Current Control
logo
Linear Technology
LT1370 LINER-LT1370_15 Datasheet
179Kb / 16P
   500kHz High Efficiency 6A Switching Regulator
LT1370CR-PBF LINER-LT1370CR-PBF Datasheet
179Kb / 16P
   500kHz High Efficiency 6A Switching Regulator
LT1370 LINER-LT1370 Datasheet
293Kb / 16P
   500kHz High Efficiency 6A Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com