Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  



LM185WH1 Datasheet(HTML) 32 Page - LG Semicon Co.,Ltd.

Part No. LM185WH1
Description  SPECIFICATION FOR APPROVAL
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LG [LG Semicon Co.,Ltd.]
Homepage  
Logo 

LM185WH1 Datasheet(HTML) 32 Page - LG Semicon Co.,Ltd.

 
Zoom Inzoom in Zoom Outzoom out
 32 page
background image
Product Specification
33 / 32
LM185WH1
Liquid Crystal Display
Ver. 1.0
Sep., 10, 2008
Since a module is composed of electronic circuits, it is not strong to electrostatic discharge.
Make certain that treatment persons are connected to ground through wrist band etc. And
don’t touch interface pin directly.
9-3. Electrostatic discharge control
Strong light exposure causes degradation of polarizer and color filter.
9-4. Precautions for strong light exposure
When storing modules as spares for a long time, the following precautions are necessary.
(1) Store them in a dark place. Do not expose the module to sunlight or fluorescent light. Keep
the temperature between 5°C and 35°C at normal humidity.
(2) The polarizer surface should not come in contact with any other object.
It is recommended that they be stored in the container in which they were shipped.
9-5. Storage
9-6. Handling precautions for protection film
(1) The protection film is attached to the bezel with a small masking tape.
When the protection film is peeled off, static electricity is generated between
the film and polarizer. This should be peeled off slowly and carefully by people who are
electrically grounded and with well ion-blown equipment or in such a condition, etc.
(2) When the module with protection film attached is stored for a long time,
sometimes there remains a very small amount of glue still on the bezel
after the protection film is peeled off.
(3) You can remove the glue easily. When the glue remains on the bezel surface or
its vestige is recognized, please wipe them off with absorbent cotton waste or
other soft material like chamois soaked with normal-hexane.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn