Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM185WH1 Datasheet(PDF) 22 Page - LG Semicon Co.,Ltd.

Part # LM185WH1
Description  SPECIFICATION FOR APPROVAL
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM185WH1 Datasheet(HTML) 22 Page - LG Semicon Co.,Ltd.

Back Button LM185WH1 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LM185WH1 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LM185WH1 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LM185WH1 Datasheet HTML 21Page - LG Semicon Co.,Ltd. LM185WH1 Datasheet HTML 22Page - LG Semicon Co.,Ltd. LM185WH1 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LM185WH1 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LM185WH1 Datasheet HTML 25Page - LG Semicon Co.,Ltd. LM185WH1 Datasheet HTML 26Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Product Specification
23 / 32
LM185WH1
Liquid Crystal Display
Ver. 1.0
Sep., 10, 2008
FIG. 9 Response time
4. Response time is the time required for the display to transition from black to white
(Decay Time, Tr
D) and from white to black (Rise Time, TrR)
The sampling rate is 2,500 sample/sec. For additional information see FIG. 9.
The response time is defined as the following figure and shall be measured by
switching the input signal for each gray to gray.
5. Viewing angle is the angle at which the contrast ratio is greater than 10 or 5. The angles are
determined for the horizontal or x axis and the vertical or y axis with respect to the z axis
which is normal to the LCD surface. For more information see FIG. 10 .
FIG. 10 Viewing angle
100
90
10
0
[%]
Optical
response
white
black
white
Tr
R
Tr
D
Notes :
<Dimension of viewing angle range>
Normal
Y
E
φ
θ
φ = 0°, Right
φ = 180°, Left
φ = 270°, Down
φ = 90°, Up


Similar Part No. - LM185WH1

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
LM185WH2 LG-LM185WH2 Datasheet
570Kb / 31P
   18.5inch HD TFT LCD
LM185WH2-TLA1 LG-LM185WH2-TLA1 Datasheet
570Kb / 31P
   18.5inch HD TFT LCD
More results

Similar Description - LM185WH1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KPEG212A ETC2-KPEG212A Datasheet
145Kb / 5P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEI100505-6N8J XFMRS-XFEI100505-6N8J Datasheet
23Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
Delta Electronics, Inc.
03SB3SM DELTA-03SB3SM Datasheet
136Kb / 2P
   SPECIFICATION FOR APPROVAL
SIG4012-1R0 DELTA-SIG4012-1R0 Datasheet
173Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG3012-R50 DELTA-SIG3012-R50 Datasheet
142Kb / 4P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEB201209-300-3A XFMRS-XFEB201209-300-3A Datasheet
27Kb / 1P
   SPECIFICATION FOR APPROVAL
XFEB321608-601-4 XFMRS-XFEB321608-601-4 Datasheet
103Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
List of Unclassifed Man...
LA001-002A99DY ETC2-LA001-002A99DY Datasheet
340Kb / 9P
   SPECIFICATION FOR APPROVAL
KPEG110 ETC2-KPEG110 Datasheet
146Kb / 5P
   SPECIFICATION FOR APPROVAL
A2175-HBL ETC2-A2175-HBL Datasheet
80Kb / 8P
   SPECIFICATION FOR APPROVAL
logo
LUXPIA
LRH1035 LUXPIA-LRH1035 Datasheet
262Kb / 15P
   Specification for Approval
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com