Electronic Components Datasheet Search
  English  ā–¼

Delete All
ON OFF


ALC888S-VD Datasheet(PDF) 32 Page - Realtek Semiconductor Corp.

Part No. ALC888S-VD
Description  7.12 CHANNEL HD AUDIO CODEC WITH TWO INDEPENDENT SPDIF OUTPUTS
Download  92 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  REALTEK [Realtek Semiconductor Corp.]
Homepage  https://www.realtek.com/en/
Logo 

 32 page
background image
ALC888S-VD
Datasheet
7.1+2 Channel HD Audio Codec with Two Independent
SPDIF Outputs
24
Track ID: JATR-2265-11
Rev. 1.2
Table 11. Parameters in the ALC888S-VD (Y=Supported)
Supported Parameter
Vendor ID
00
Y
-
-
-
-
-
-
-
-
-
-
-
-
-
Revision ID
02
Y
-
-
-
-
-
-
-
-
-
-
-
-
-
Subordinate Node Count
04
Y
Y
-
-
-
-
-
-
-
-
-
-
-
-
Function Group Type
05
-
Y
-
-
-
-
-
-
-
-
-
-
-
-
Audio Function Group Capabilities
08
-
Y
-
-
-
-
-
-
-
-
-
-
-
-
Audio Widget Capabilities
09
-
-
-
-
-
Y
Y
Y
Y
Y
-
Y
Y
Y
Sample Size, Rate
0A
-
Y
-
-
-
Y
Y
-
-
-
-
-
-
-
Stream Formats
0B
-
Y
-
-
-
Y
Y
-
-
-
-
-
-
-
Pin Capabilities
0C
-
-
-
-
-
-
-
Y
-
-
-
-
-
-
Input Amp Capabilities
0D
-
-
-
-
-
-
Y
-
Y
Y
-
-
-
-
Output Amp Capabilities
12
-
-
-
-
-
-
-
Y
Y
-
-
-
-
-
Connection List Length
0E
-
-
-
-
-
-
Y
Y
Y
Y
-
-
-
-
Supported Power States
0F
-
Y
-
-
-
Y
Y
Y
Y
Y
-
-
-
Y
Processing Capabilities
10
-
-
-
-
-
-
-
-
-
-
-
-
-
Y
GPIO Count
11
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Volume Knob Capabilities
13
-
-
-
-
-
-
-
-
-
-
-
Y
-
-
*1: The ALC888S-VD does not support Modem Function, HDMI Function, Vendor Defined Groups, and Power Widgets.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl