Electronic Components Datasheet Search
  English  ā–¼

Delete All
ON OFF


ALC888S-VD Datasheet(PDF) 46 Page - Realtek Semiconductor Corp.

Part No. ALC888S-VD
Description  7.12 CHANNEL HD AUDIO CODEC WITH TWO INDEPENDENT SPDIF OUTPUTS
Download  92 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  REALTEK [Realtek Semiconductor Corp.]
Homepage  https://www.realtek.com/en/
Logo 

 46 page
background image
ALC888S-VD
Datasheet
7.1+2 Channel HD Audio Codec with Two Independent
SPDIF Outputs
38
Track ID: JATR-2265-11
Rev. 1.2
Codec Response for NID=0Eh (Cen/LFE Sum)
Bit
Description
31:24
Connection List Entry (N).
Returns 00h.
23:16
Connection List Entry (N+2).
Returns 00h.
15:8
Connection List Entry (N+1).
Returns 0Bh (Mixer) for N=0~3.
Returns 00h for N>3.
7:0
Connection List Entry (N).
Returns 04h (Cen/LFE DAC) for N=0~3.
Returns 00h for N>3.
Codec Response for NID=0Fh (Side-Surr Sum)
Bit
Description
31:24
Connection List Entry (N).
Returns 00h.
23:16
Connection List Entry (N+2).
Returns 00h.
15:8
Connection List Entry (N+1).
Returns 0Bh (Mixer) for N=0~3.
Returns 00h for N>3.
7:0
Connection List Entry (N).
Returns 05h (Front DAC) for N=0~3.
Returns 00h for N>3.
Codec Response for NID=26h (Fout Sum)
Bit
Description
31:24
Connection List Entry (N).
Returns 00h.
23:16
Connection List Entry (N+2).
Returns 00h.
15:8
Connection List Entry (N+1).
Returns 0Bh (Mixer) for N=0~3.
Returns 00h for N>3.
7:0
Connection List Entry (N).
Returns 25h (Fout1 DAC) for N=0~3.
Returns 00h for N>3.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl