Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  



ALC888S-VD Datasheet(HTML) 73 Page - Realtek Semiconductor Corp.

Part No. ALC888S-VD
Description  7.12 CHANNEL HD AUDIO CODEC WITH TWO INDEPENDENT SPDIF OUTPUTS
Download  92 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  REALTEK [Realtek Semiconductor Corp.]
Homepage  https://www.realtek.com/en/
Logo 

ALC888S-VD Datasheet(HTML) 73 Page - Realtek Semiconductor Corp.

Zoom Inzoom in Zoom Outzoom out
 73 page
background image
ALC888S-VD
Datasheet
7.1+2 Channel HD Audio Codec with Two Independent
SPDIF Outputs
65
Track ID: JATR-2265-11
Rev. 1.2
8.40. Verb – Get Digital Converter Control 1, 2, 3, 4
(Verb ID=F0Dh, F0Eh, F3Eh, F3Fh)
Table 74. Verb – Get Digital Converter Control 1, 2, 3, 4 (Verb ID=F0Dh, F0Eh, F3Eh, F3Fh)
Get Command Format
Codec Response Format
Bit [31:28]
Bit [27:20]
Bit [19:8]
Payload Bit [7:0]
Response [31:0]
CAd=X
Node ID=Xh
Verb ID=F0Dh/F0Eh/
F3Eh/F3Fh
0’s
Bit[31:16]=0’s,
Bit[15:0] are SIC Bit
NID=06h (SPDIF-OUT) Response to ‘Get verb’ – F0Dh/F0Eh/F3Eh/F3Fh
NID=10h (SPDIF-OUT2) Response to ‘Get verb’ – F0Dh/F0Eh/F3Eh/F3Fh
Bit
Description – SIC (SPDIF IEC Control) Bit[15:0]
31:24
Read as 0’s.
23
Keep Alive Enable.
0: Disable (SPDIF output is disabled in D2/D3 mode)
1: Enable (SPDIF output is enabled in D2/D3 mode)
22:20
Reserved. Read as 0’s.
19:16
IEC Coding Type.
Not supported in ALC888S-VD, read as 0’s.
15
Reserved. Read as 0’s.
14:8
CC[6:0] (Category Code).
7
LEVEL (Generation Level).
6
PRO (Professional or Consumer Format).
0: Consumer format
1: Professional format
5
/AUDIO (Non-Audio Data Type).
0: PCM data
1: AC3 or other digital non-audio data
4
COPY (Copyright).
0: Asserted
1: Not asserted
3
PRE (Pre-Emphasis).
0: None
1: Filter pre-emphasis is 50/15 microseconds
2
VCFG for Validity Control (Control V Bit and Data in Sub-Frame).
1
V for Validity Control (Control V Bit and Data in Sub-Frame).
0
Digital Enable (DigEn).
0: OFF
1: ON
NID=0Ah (SPDIF-IN) Response to ‘Get verb’ - F0Dh/F0Eh
Bit
Description (part of SPDIF-IN Channel Status)
31:15
Reserved. Read as 0’s.
14:8
CC[6:0] (Category Code).


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn