Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALC888S-VD Datasheet(PDF) 19 Page - Realtek Semiconductor Corp.

Part # ALC888S-VD
Description  7.12 CHANNEL HD AUDIO CODEC WITH TWO INDEPENDENT SPDIF OUTPUTS
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REALTEK [Realtek Semiconductor Corp.]
Direct Link  https://www.realtek.com/en/
Logo REALTEK - Realtek Semiconductor Corp.

ALC888S-VD Datasheet(HTML) 19 Page - Realtek Semiconductor Corp.

Back Button ALC888S-VD Datasheet HTML 15Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 16Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 17Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 18Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 19Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 20Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 21Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 22Page - Realtek Semiconductor Corp. ALC888S-VD Datasheet HTML 23Page - Realtek Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 92 page
background image
ALC888S-VD
Datasheet
7.1+2 Channel HD Audio Codec with Two Independent
SPDIF Outputs
11
Track ID: JATR-2265-11
Rev. 1.2
7. High Definition Audio Link Protocol
7.1. Link Signals
The High Definition Audio (HDA) link is the digital serial interface that connects the HDA codecs to the
HDA Controller. The HDA link protocol is controller synchronous, based on a 24.0MHz BIT-CLK sent
by the HDA controller. The input and output streams, including command and PCM data, are isochronous
with a 48kHz frame rate. Figure 4 shows the basic concept of the HDA link protocol.
Figure 4.
HDA Link Protocol


Similar Part No. - ALC888S-VD

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC888S-VD REALTEK-ALC888S-VD Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD REALTEK-ALC888S-VD Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD2-GR REALTEK-ALC888S-VD2-GR Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD2-GR REALTEK-ALC888S-VD2-GR Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
More results

Similar Description - ALC888S-VD

ManufacturerPart #DatasheetDescription
logo
Realtek Semiconductor C...
ALC887 REALTEK-ALC887 Datasheet
996Kb / 82P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC TWO INDEPENDENT SPDIF-OUT
ALC888S-VD REALTEK-ALC888S-VD_11 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S-VD_11 REALTEK-ALC888S-VD_11_05 Datasheet
1Mb / 92P
   7.12 CHANNEL HD AUDIO CODEC
ALC888S REALTEK-ALC888S Datasheet
1Mb / 83P
   7.12 CHANNEL HIGH DEFINITION AUDIO CODEC WITH TWO INDEPENDENT S/PDIF-OUT
ALC892 REALTEK-ALC892 Datasheet
1Mb / 89P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC892 REALTEK-ALC892_11 Datasheet
1Mb / 90P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC1150 REALTEK-ALC1150 Datasheet
1Mb / 88P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC889 REALTEK-ALC889 Datasheet
1Mb / 86P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC892_11 REALTEK-ALC892_11_05 Datasheet
1Mb / 90P
   7.12 CHANNEL HD AUDIO CODEC WITH CONTENT PROTECTION
ALC887-VD REALTEK-ALC887-VD Datasheet
1Mb / 91P
   7.1 CHANNEL HIGH DEFINITION AUDIO CODEC WITH TWO INDEPENDENT S/PDIF OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com