Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2320 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AM2320
Description  Digital Temperature and Humidity Sensor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AM2320 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AM2320 Datasheet HTML 3Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 4Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 5Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 6Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 7Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 8Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 9Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 10Page - List of Unclassifed Manufacturers AM2320 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
logic level "0"; during high clock line SCL and SDA data line is high logic level represents the
current transmission "1." Logic "0" (low) and "1" (high) level, is related to the level of VDD decision
(detailed in Table 3 AM2320 DC Characteristics table). In addition, each transmission of a data bit
clock pulse is generated.
Term
Description
Transmitter
Send data to the device bus
Receptor
Device receiving data from the bus
Host computer
Transmit clock signal generating device initialization and termination sent
Slave
The device addressed by the host
Multi-master
At the same time there is more than one host attempts to control the bus,
but do not destroy the message
Arbitration
There is a multiple hosts at the same time try to control the bus, but only
allows it a control bus and make the message is not destroyed in the
process
Synchronous
Two or more devices in the process of synchronizing the clock signal
◎Data validity
Data line SDA data must remain stable during the high period of the clock. High or low state
of the data line SDA is only in the low period of SCL clock line only allowed to change. But at the
start and end I
2 C bus exceptions (for details see the start and stop conditions). Some other serial bus
data as may be required valid edge (rising or falling) of the clock signal, but I
2 C bus is valid level.
The specific timing diagram shown in Figure 6.
Figure 6: Bit Transfer
C bus
◎Start and stop conditions
Start condition: Period when SCL is high, SDA high to low Start condition generating
transition from. Bus after the start condition is generated in a busy state. The
initial condition is often abbreviated as S.
Stop condition: Period when SCL is high, SDA generates a stop condition low to high
transition from. Bus stop condition is generated in an idle state. The stop
condition abbreviated as P.
Start and stop conditions diagram shown in Figure 7.
- 6 -


Similar Part No. - AM2320

ManufacturerPart #DatasheetDescription
logo
Power-One
AM2320-7 POWER-ONE-AM2320-7 Datasheet
146Kb / 4P
   50 Watt DC-DC Converters
logo
Analog Power
AM2320NE ANALOGPOWER-AM2320NE Datasheet
359Kb / 5P
   N-Channel 20-V (D-S) MOSFET
More results

Similar Description - AM2320

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
HTU21D TEC-HTU21D_16 Datasheet
206Kb / 4P
   Digital Humidity and Temperature Sensor
logo
List of Unclassifed Man...
AM2321 ETC2-AM2321 Datasheet
1Mb / 30P
   Digital Temperature and Humidity Sensor
logo
Silicon Laboratories
SI7005 SILABS-SI7005 Datasheet
340Kb / 41P
   DIGITAL I2C HUMIDITY AND TEMPERATURE SENSOR
SI7034-A10 SILABS-SI7034-A10 Datasheet
590Kb / 29P
   DIGITAL IC HUMIDITY AND TEMPERATURE SENSOR
SI7015-A20 SILABS-SI7015-A20 Datasheet
498Kb / 39P
   DIGITAL IC HUMIDITY AND TEMPERATURE SENSOR
logo
Texas Instruments
HDC2080 TI1-HDC2080 Datasheet
1Mb / 41P
[Old version datasheet]   Low Power Humidity and Temperature Digital Sensor
logo
List of Unclassifed Man...
SHT71 ETC2-SHT71 Datasheet
266Kb / 11P
   Humidity and Temperature Sensor
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
   Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
   Humidity and Temperature Sensor
Version 3
logo
List of Unclassifed Man...
RHT04 ETC-RHT04 Datasheet
445Kb / 5P
   Digital relative humidity & temperature sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com