Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP171WU1 Datasheet(PDF) 4 Page - LG Semicon Co.,Ltd.

Part # LP171WU1
Description  17.1 WUXGA TFT LCD
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LP171WU1 Datasheet(HTML) 4 Page - LG Semicon Co.,Ltd.

  LP171WU1 Datasheet HTML 1Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 2Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LP171WU1 Datasheet HTML 9Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
Product Specification
4 / 27
LP171WU1
Liquid Crystal Display
Ver. 1.0
Mar, 19, 2007
1. General Description
General Features
6-bit, 262,144 colors
Color Depth
1920 horiz. by 1200 vert. Pixels RGB strip arrangement
Pixel Format
260 cd/m2(Typ.) , 5 point
Luminance, White
6.99 Watt (Typ .) @ LCM circuit 2.15 Watt(Typ.), B/L input 4.84 Watt(Typ.)
Power Consumption
690g (Typ.) w/o inverter & bracket
Weight
Transmissive mode, normally white
Display Operating Mode
Hard coating(4H) Glare treatment of the front polarizer
Surface Treatment
0.19125 mm × 0.19125 mm
Pixel Pitch
382.7 (H, max) × 245.0 (V, max) × 6.6(D, max) mm
Outline Dimension
17.1 inches diagonal
Active Screen Size
The LP171WU1 is a Color Active Matrix Liquid Crystal Display with an integral Cold Cathode Fluorescent
Lamp (CCFL) backlight system. The matrix employs a-Si Thin Film Transistor as the active element. It is a
transmissive type display operating in the normally white mode. This TFT-LCD has 17.1 inches diagonally
measured active display area with WUXGA resolution(1920 horizontal by 1200 vertical pixel array). Each
pixel is divided into Red, Green and Blue sub-pixels or dots which are arranged in vertical stripes. Gray
scale or the brightness of the sub-pixel color is determined with a 6-bit gray scale signal for each dot, thus,
presenting a palette of more than 262,144 colors.
The LP171WU1 has been designed to apply the interface method that enables low power, high speed, low
EMI.
The LP171WU1 is intended to support applications where thin thickness, low power are critical factors and
graphic displays are important. In combination with the vertical arrangement of the sub-pixels, the
LP171WU1 characteristics provide an excellent flat display for office automation products such as Notebook
PC.
Control & Data
Power
EDID signal & Power
TFT-LCD Panel
(1920 x 1200)
1
1200
1
1920
1
30
POWER
BLOCK
EDID
BLOCK
Source Driver Circuit
Backlight Ass’y
CN
LVDS &
Timing
Control
Block
(LOG_B type)
(LOG_B type)
(LOG_B type)
(LOG_B type)


Similar Part No. - LP171WU1

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
LP171NMO PULSE-LP171NMO Datasheet
399Kb / 3P
   VHF 136-220 MHz
More results

Similar Description - LP171WU1

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
LC470EUF LG-LC470EUF Datasheet
860Kb / 40P
   47.0 WUXGA TFT LCD
LM240WU8 LG-LM240WU8 Datasheet
1Mb / 32P
   24.0??WUXGA TFT LCD
LC420DUJ LG-LC420DUJ Datasheet
1Mb / 39P
   42.0 WUXGA TFT LCD
logo
Samsung semiconductor
LTM200KT10 SAMSUNG-LTM200KT10 Datasheet
539Kb / 33P
   TFT-LCD
logo
Chi Mei Corporation.
V236H1-LE2 CHIMEI-V236H1-LE2 Datasheet
654Kb / 28P
   TFT LCD
logo
Samsung semiconductor
LTI460HA01 SAMSUNG-LTI460HA01 Datasheet
642Kb / 27P
   TFT-LCD
logo
Wuxi Youda electronics ...
3Y26 YOUDA-3Y26 Datasheet
160Kb / 7P
   TFT LCD
logo
Samsung semiconductor
LTM150XH-L01 SAMSUNG-LTM150XH-L01 Datasheet
381Kb / 35P
   TFT LCD
LTM190M2-L31 SAMSUNG-LTM190M2-L31 Datasheet
640Kb / 39P
   TFT-LCD
LTM200KT01 SAMSUNG-LTM200KT01 Datasheet
1Mb / 34P
   TFT-LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com