Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

SY8008A Datasheet(HTML) 5 Page - Silergy Corp.

Part No. SY8008A
Description  High Efficiency 1.5MHz, 0.6A/1A/1.2A Synchronous Step Down Regulator Preliminary Spec
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILERGY [Silergy Corp.]
Homepage  http://www.silergy.com/
Logo 

SY8008A Datasheet(HTML) 5 Page - Silergy Corp.

   
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 5 page
background image
SY8008A/SY8008B/SY8008C
SY8008Rev. # 0.91
Silergy Corp. Confidential- Prepared for Internal Use Only
5
TSOT23-5 Package outline & PCB layout design
0.55
0.95 TYP
0.55
0.95 TYP
0.30 - 0.50
2.80 - 3.10
0.30 - 0.50
2.80 - 3.10
Recommended Pad Layout
0.3 - 0.6
1.00 (max)
1.90 TYP
0.95 TYP
Notes:
All dimensions are in millimeters.
All dimensions don’t include mold flash & metal burr.


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn