Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF


AP6330 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part No. AP6330
Description  WiFiBluetooth 4.0(HS)FM Rx Module
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 11 page
background image
AP6330 Datasheet
AMPAK Technology Inc.
www.ampak.com.tw
Proprietary & Confidential Information
Doc. NO:
9
6. Bluetooth Specification
6.1 Bluetooth Specification
Conditions : VBAT=3.6V ; VDDIO=2.9V ; Temp:25°C
Feature
Description
General Specification
Bluetooth Standard
Bluetooth V4.0 of 1, 2 and 3 Mbps.
Host Interface
UART
Antenna Reference
Small antennas with 0~2 dBi peak gain
Frequency Band
2.400 GHz ~ 2483.5 GHz
Number of Channels
79 channels
Modulation
FHSS, GFSK, DPSK, DQPSK
RF Specification
Min.
Typical.
Max.
Output Power (Class 1.5)
10 dBm
Output Power (Class 2)
2 dBm
Sensitivity @ BER=0.1%
for GFSK (1Mbps)
-86 dBm
Sensitivity @ BER=0.01%
for π/4-DQPSK (2Mbps)
-86 dBm
Sensitivity @ BER=0.01%
for 8DPSK (3Mbps)
-80 dBm
Maximum Input Level
GFSK (1Mbps):-20dBm
Ï€/4-DQPSK (2Mbps) :-20dBm
8DPSK (3Mbps) :-20dBm




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl