Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


AP6330 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part No. AP6330
Description  WiFiBluetooth 4.0(HS)FM Rx Module
Download  26 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

 14 page
background image
AP6330 Datasheet
AMPAK Technology Inc.
www.ampak.com.tw
Proprietary & Confidential Information
Doc. NO:
12
14
SDIO_DATA_2
I/O
SDIO data line 2
15
SDIO_DATA_3
I/O
SDIO data line 3
16
SDIO_DATA_CMD
I/O
SDIO command line
17
SDIO_DATA_CLK
I/O
SDIO clock line
18
SDIO_DATA_0
I/O
SDIO data line 0
19
SDIO_DATA_1
I/O
SDIO data line 1
20
GND
Ground connections
21
VIN_LDO_OUT
P
Internal Buck voltage generation pin
22
VDDIO
P
I/O Voltage supply input
23
VIN_LDO
P
Internal Buck voltage generation pin
24
LPO
I
External Low Power Clock input (32.768KHz)
25
PCM_OUT
I/O
PCM Data output
26
PCM_CLK
I/O
PCM clock
27
PCM_IN
I/O
PCM data input
28
PCM_SYNC
I/O
PCM sync signal
29
NC
Floating (Don’t connected to ground)
30
NC
Floating (Don’t connected to ground)
31
GND
Ground connections
32
NC
Floating (Don’t connected to ground)
33
GND
Ground connections
34
BT_RST_N
I
Low asserting reset for Bluetooth core
35
NC
Floating (Don’t connected to ground)
36
GND
Ground connections
37
NC
Floating (Don’t connected to ground)
38
NC
Floating (Don’t connected to ground)
39
NC
Floating (Don’t connected to ground)
40
NC
Floating (Don’t connected to ground)
41
UART_RTS_N
O
Bluetooth/FM UART interface
42
UART_TXD
O
Bluetooth/FM UART interface
43
UART_RXD
I
Bluetooth/FM UART interface
44
UART_CTS_N
I
Bluetooth/FM UART interface
45
TP1
O
FM Analog AUDIO left output
46
TP2
O
FM Analog AUDIO right output
47
TP3 (NC)
Floating (Don’t connected to ground)




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl