Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EUP3484S Datasheet(PDF) 11 Page - Eutech Microelectronics Inc

Part # EUP3484S
Description  3A, 24V, 340KHz Synchronous Step-Down Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUTECH [Eutech Microelectronics Inc]
Direct Link  http://www.eutechmicro.com
Logo EUTECH - Eutech Microelectronics Inc

EUP3484S Datasheet(HTML) 11 Page - Eutech Microelectronics Inc

Back Button EUP3484S Datasheet HTML 3Page - Eutech Microelectronics Inc EUP3484S Datasheet HTML 4Page - Eutech Microelectronics Inc EUP3484S Datasheet HTML 5Page - Eutech Microelectronics Inc EUP3484S Datasheet HTML 6Page - Eutech Microelectronics Inc EUP3484S Datasheet HTML 7Page - Eutech Microelectronics Inc EUP3484S Datasheet HTML 8Page - Eutech Microelectronics Inc EUP3484S Datasheet HTML 9Page - Eutech Microelectronics Inc EUP3484S Datasheet HTML 10Page - Eutech Microelectronics Inc EUP3484S Datasheet HTML 11Page - Eutech Microelectronics Inc  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
EUP3484S
DS3484S
Ver1.2
May 2012
11
Packaging Information
SOP-8 (EP)
Remark: Exposed pad outline drawing is for reference only.
MILLIMETERS
INCHES
SYMBOLS
MIN.
Normal
MAX.
MIN.
Normal
MAX.
A
1.35
-
1.75
0.053
-
0.069
A1
0.00
-
0.25
0.000
-
0.010
D
4.80
4.90
5.00
0.189
0.193
0.197
E1
3.70
3.90
4.00
0.146
0.154
0.157
D1
2.67
2.97
3.50
0.105
0.117
0.138
E2
1.78
2.18
2.60
0.070
0.086
0.102
E
5.80
6.00
6.20
0.228
0.236
0.244
L
0.40
-
1.27
0.016
-
0.050
b
0.31
-
0.51
0.012
-
0.020
e
1.27
0.050


Similar Part No. - EUP3484S

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3484 EUTECH-EUP3484 Datasheet
162Kb / 1P
   3A, 30V, 340KHz Synchronous Step-Down Converter
EUP3484A EUTECH-EUP3484A Datasheet
821Kb / 1P
   3A, 30V, 340KHz Synchronous Step-Down Converter
More results

Similar Description - EUP3484S

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3284 EUTECH-EUP3284 Datasheet
107Kb / 1P
   3A, 24V, 340KHz Synchronous Step-Down Converter
EUP3282 EUTECH-EUP3282 Datasheet
107Kb / 1P
   2A, 24V, 340KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8250 RICHTEK-RT8250 Datasheet
207Kb / 12P
   3A, 23V, 340kHz Synchronous Step-Down Converter
RT8283A RICHTEK-RT8283A Datasheet
200Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
RT8253A RICHTEK-RT8253A Datasheet
227Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
logo
Monolithic Power System...
EV1570DN-00A MPS-EV1570DN-00A Datasheet
265Kb / 5P
   3A, 23V, 340KHz Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT7257E RICHTEK-RT7257E Datasheet
225Kb / 15P
   3A, 17V, 340kHz Synchronous Step-Down Converter
RT7257C RICHTEK-RT7257C Datasheet
214Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT8290 RICHTEK-RT8290 Datasheet
210Kb / 12P
   3A, 23V, 340kHz Synchronous Step-Down Converter
RT8293A RICHTEK-RT8293A Datasheet
275Kb / 15P
   3A, 23V, 340kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com