Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  



ICE3BR4765JZ Datasheet(HTML) 18 Page - Infineon Technologies AG

Part No. ICE3BR4765JZ
Description  Off-Line SMPS Current Mode Controller
Download  32 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

ICE3BR4765JZ Datasheet(HTML) 18 Page - Infineon Technologies AG

Zoom Inzoom in Zoom Outzoom out
 18 page
background image
ICE3BR4765JZ
Functional Description
Version 2.1
18
30 Aug 2011
3.7.3.2
Auto Restart without extended blanking
time
Figure 26
Auto Restart mode
There are 2 modes of VCC overvoltage protection; one
is during soft start and the other is at all conditions.
The first one is VVCC voltage is > 20.5V and FB is > 4.0V
and during soft_start period and the IC enters Auto
Restart Mode. The VCC voltage is observed by
comparator C1 and C4. The fault conditions are to
detect the abnormal operating during start up such as
open loop during light load start up, etc. The logic can
eliminate the possible of entering Auto Restart mode if
there is a small voltage overshoots of VVCC during
normal operating.
The 2nd one is VVCC >25.5V and last for 120us and the
IC enters Auto Restart Mode. This 25.5V Vcc OVP
protection is inactivated during burst mode.
The Thermal Shutdown block monitors the junction
temperature of the IC. After detecting a junction
temperature higher than 130°C, the Auto Restart Mode
is entered.
In case the pre-defined auto-restart features are not
sufficient, there is a customer defined external Auto-
restart Enable feature. This function can be triggered
by pulling down the BA pin to < 0.33V. It can simply add
a trigger signal to the base of the externally added
transistor, TAE at the BA pin. When the function is
enabled, the gate drive switching will be stopped and
then the IC will enter auto-restart mode if the signal
persists. To ensure this auto-restart function will not be
mis-triggered during start up, a 1ms delay time is
implemented to blank the unstable signal.
VCC undervoltage is the Vcc voltage drop below Vcc
turn off threshold. Then the IC will turn off and the start
up cell will turn on automatically. And this leads to Auto
Restart Mode.
Short Optocoupler also leads to VCC undervoltage as
there is no self supply after activating the internal
reference and bias.
C1
20.5V
Spike
Blanking
30us
&
G1
Thermal Shutdown
Tj >140°C
Auto Restart
mode
VCC
C4
4.0V
Voltage
Reference
Control Unit
Auto Restart
Mode Reset
VVCC < 10.5V
FB
C2
120us
Blanking
Time
VCC
25.5V
softs_period
BA
Auto-restart
Enable
Signal
TAE
C9
8us
Blanking
Time
0.3V
Stop
gate
drive
1ms
counter
UVLO


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn