Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  



DS3 Datasheet(HTML) 6 Page - Pentair plc. All rights reserved.

Part No. DS3
Description  Self-Priming Centrifugal Pump
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PENTAIR [Pentair plc. All rights reserved.]
Homepage  https://www.pentair.com/
Logo 

DS3 Datasheet(HTML) 6 Page - Pentair plc. All rights reserved.

Zoom Inzoom in Zoom Outzoom out
 6 page
background image
Electrical
6
Connection diagram for dual voltage, single-phase
motors. Your dual-voltage motor’s terminal board (under
the motor end cover) will match one of the diagrams
below. Follow that diagram if necesary to convert motor
to 115 Volt power.
Connect power supply wires to L1 and L2. For 3-phase
motors, or if motor does not match these pictures, follow
the connection diagram on the motor nameplate.
MOTOR SWITCH SETTINGS
Dual-voltage motors (motors that can operate at either
115 or 230 volts), are set at the factory to 230 volts. Do
not change motor voltage setting if line voltage is 230
volts, or if you have a single voltage motor.
NOTICE: Never wire a 115 volt motor to a 230 volt line.
REMOVE MOTOR END COVER
If you have a dual-voltage motor, and will connect it to
115 volts, follow the procedure below.
You will need to remove the motor end cover to change
the voltage setting.
Your motor terminal board (located under the motor end
cover) should look like one of those below.
PLUG TYPE VOLTAGE SELECTOR
To change to 115 volts:
1. Make sure power is off.
2. Pull the plug straight up.
3. Move and attach the plug at the 115 volt position.
The plug will now cover 2 metal tabs. The arrow on
the plug will point to 115V.
4. Attach the power lead wires to the power lead
terminals. Make sure the wires are secure.
5. Attach the ground wire to the green ground screw
6. Reinstall the Motor end cover
Go to Wiring Connections below.
DIAL TYPE VOLTAGE SELECTOR
To change to 115 volts:
1. Make sure power is off.
2. Turn the dial counter-clockwise until 115 shows in
the dial window.
3. Attach the power lead wires to the power lead
terminals. Make sure the wires are secure.
4. Attach the ground wire to the green ground screw
5. Reinstall the Motor end cover
Go to Wiring Connections below.
Hazardous voltage. Can shock, burn, or
cause death. Disconnect power to motor before
working on pump or motor. Ground motor before
connecting to power supply.
WIRING CONNECTIONS
Ground motor before connecting to electrical
power supply. Failure to ground motor can cause
severe or fatal electrical shock hazard.
Do not ground to a gas supply line.
To avoid dangerous or fatal electrical shock, turn
OFF power to motor before working on electrical
connections.
Supply voltage must be within ±10% of nameplate
voltage. Incorrect voltage can cause fire or damage
motor and voids warranty. If in doubt consult a licensed
electrician.
Use wire size specified in Wiring Chart, Page 7. If
possible, connect pump to a separate branch circuit
with no other appliances on it.
Wire motor according to diagram on motor
nameplate. If nameplate diagram differs from
diagrams above, follow nameplate diagram.
1. Install, ground, wire and maintain this pump in
accordance with electrical code requirements.
Consult your local building inspector for information
about codes.
Figure 6: Removing Motor End Cover
Figure 7: Voltage set to 230 volts, Plug Type
Motor
End Cover
End Cover Screws
4693
Voltage Change
Plug
Ground
Screw
Power Lead
Terminals
4694
Figure 8: Voltage set to 230 volts, Dial Type
Voltage
Change Dial
Ground
Screw
Power Lead
Terminals
4695


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn