Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET


ERJ-XGNJ Datasheet(HTML) 1 Page - Panasonic Semiconductor

Part No. ERJ-XGNJ
Description  Surface Mount Chip Resistors
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANASONIC [Panasonic Semiconductor]
Homepage  http://www.panasonic.com/industrial/
Logo 

ERJ-XGNJ Datasheet(HTML) 1 Page - Panasonic Semiconductor

   
 1 page
background image
8
Resistors
Appearance
Series
Case
Size
Power
Rating
(W)
Resistance
Range
Resistance
Tolerance
(%)
T.C.R.
(ppm/
dC)
LxWxT
Dimensions
(mm)
Quantity
7” Reel
(pcs.)
Features
General
Purpose
5%, 1%
ERJ-XGNJ
01005
1 / 32 W
10 ~ 1 M
* 5
* 200
0.40 x 0.20 x 0.13
20,000
]
]
]
]
]
]
]
Small size and lightweight
High reliability using metal glaze thick
film resistive element and three layers of
electrodes
Compatible with automatic placement of
bulk taping and bulk case packaging
Reflow and flow solderability
Meets ISO-9001 & QS-9000 standards
Low resistance tolerance: ERJ-3E; 6E; 8E;
14, 12 series:
* 1%
NOTE:
Chip resistor 5% tolerance
Resistance Range
T.C.R.
(
o)
(ppm /
dC)
<10
-100 ~ +600
10 - 1 M
* 200
>1M
-400 ~ +150
ERJ-1GEJ
0201
1 / 20 W
1.0 ~ 1 M
* 5
0.60 x 0.3 x 0.23
15,000
ERJ-1GEF
10 ~ 1 M
* 1
ERJ-2GEJ
0402
1 / 16 W
1.0 ~ 2.2 M
* 5
1.0 x 0.5 x 0.35
10,000
ERJ-2RKF
10 ~ 1 M
* 1
* 100
ERJ-3GEYJ
0603
1 / 10 W
1.0 ~ 10 M
* 5
* 200
1.6 x 0.8 x 0.45
5,000
ERJ-3EKF
10 ~ 1 M
* 1
* 100
ERJ-6GEYJ
0805
1 / 8 W
1.0 ~ 10 M
* 5
* 200
2.0 x 1.25 x 0.6
5,000
ERJ-6ENF
10 ~ 2.2 M
* 1
* 100
ERJ-8GEYJ
1206
1 / 4 W
1.0 ~ 10 M
* 5
* 200
3.2 x 1.6 x 0.6
5,000
ERJ-8ENF
10 ~ 2.2 M
* 1
* 100
ERJ-14YJ
1210
1 / 4 W
1.0 ~ 10 M
* 5
* 200
3.2 x 2.5 x 0.6
5,000
ERJ-14NF
10 ~ 1 M
* 1
* 100
ERJ-12YJ
1812
1 / 2 W
1.0 ~ 10 M
* 5
* 200
4.5 x 3.2 x 0.6
5,000
ERJ-12NF
10 ~ 1 M
* 1
* 100
ERJ-12ZYJ
2010
1 / 2 W
1.0 ~ 10 M
* 5
* 200
5.0 x 2.5 x 0.6
5,000
ERJ-12SF
10 ~ 1 M
* 1
* 100
ERJ-1TYJ
2512
1 W
1.0 ~ 1 M
* 5
* 200
6.4 x 3.2 x 0.6
4,000
ERJ-1TNF
10 ~ 1 M
* 1
* 100
Current
Sensing
5%,1%
ERJ-2BWJ
0402
1 /8 W
0.047 ~ 0.091
* 5
* 300
1.0 x 0.5 x 0.35
10,000
]
]
]
]
]
]
Small size and lightweight
High reliability using metal glaze thick
film resistive elements and three layers
of electrodes
Compatible with automatic placement of
bulk taping and bulk case packaging
Reflow and flow solderability
Meets ISO-9001 & QS-9000 standards
Low resistance tolerance: ERJ-2R; 3R; 6R
series ...
*5%, *1%
ERJ-2BSJ
0.10 ~ 0.20
ERJ-2BQJ
0.22 ~ 1.0
* 250
ERJ-2BQF
* 1
ERJ-3RSJ
0603
1 / 10 W
0.1 ~ 0.2
* 5
0.1 ~ 0.91
o
* 300
1.0 ~ 9.1
o
* 200
1.6 x 0.8 x 0.45
5,000
ERJ-3RQJ
0.22 ~ 0.91
ERJ-3RSF
0.1 ~ 0.2
* 1
ERJ-3RQF
0.22 ~ 9.1
ERJ-6RSJ
0805
1 / 8 W
0.1 ~ 0.2
* 5
0.1 ~ 0.91
o
* 300
1.0 ~ 9.1
o
* 200
2.0 x 1.25 x 0.6
ERJ-6RQJ
0.22 ~ 0.91
ERJ-6RSF
0.1 ~ 0.2
* 1
ERJ-6RQF
0.22 ~ 9.1
ERJ-6BWF
1/4 W
10m ~ 50m
* 1
0.01 ~ 0.014
o
* 300
2.0 x 1.25 x 0.65
ERJ-6BWJ
* 5
0.015 ~ 0.05
o
* 200
ERJ-8BW
1206
1/2 W
0.01 ~ 0.1
* 1, 5
* 200 / * 150
3.2 x 1.6 x 0.6
ERJ-8RSJ
1206
1 / 4 W
0.1 ~ 0.2
* 5
0.1 ~ 0.91
o
* 250
ERJ-8RQJ
0.22 ~ 9.1
ERJ-8RSF
0.1 ~ 0.2
* 1
1.0 ~ 9.1
o
* 200
ERJ-8RQF
0.22 ~ 9.1
ERJ-14RSJ
1210
1 / 4 W
0.1 ~ 0.2
* 5
0.1 ~ 0.91
o
* 200
3.2 x 2.5 x 0.6
ERJ-14RQJ
0.22 ~ 0.91
ERJ-14RSF
0.1 ~ 0.2
* 1
1.0 ~ 9.1
o * 100
ERJ-14RQF
0.22 ~ 9.1
ERJ-12RSJ
1812
1 / 2 W
0.1 ~ 0.2
* 5
0.1 ~ 0.91
o * 200
4.5 x 3.2 x 0.6
ERJ-12RQJ
0.22 ~ 0.91
ERJ-12RSF
0.1 ~ 0.2
* 1
1.0 ~ 9.1
o 100
ERJ-12RQF
0.22 ~ 9.1
ERJ-1TRSJ
2512
1 W
0.1 ~ 0.2
* 5
0.1 ~ 0.91
o * 200
6.4 x 3.2 x 0.6
4,000
ERJ-1TRQJ
0.22 ~ 0.91
ERJ-1TRSF
0.1 ~ 0.2
* 1
1.0 ~ 9.1
o * 100
ERJ-1TRQF
0.22 ~ 0.91
Current
Sensing
(m
o)
5%, 1%
ERJ-L03
0603
1 / 10 W
47 ~ 100 milli.
* 5
* 200
1.6 x 0.8 x 0.45
5,000
]
]
]
]
]
]
Small size and lightweight
High reliability using metal glaze thick
film resistive elements and three layers
of electrodes
Compatible with automatic placement of
bulk taping and bulk case packaging
Reflow and flow solderability
Meets ISO-9001 & QS-9000 standards
Low resistance values for ERJ-L14; L12;
L1W series: 47 m
o ~ 100 mo
ERJ-L06
0805
1 / 8 W
47 ~ 100 milli.
* 5
* 100
2.0 x 1.25 x 0.6
5,000
ERJ-L08
1206
1/4 W
47 ~ 100 milli.
* 5
* 100
3.2 x 1.6 x 0.6
5,000
ERJ-L14KJ
1210
1/3 W
20 ~ 100 milli.
* 5
* 100
3.2 x 2.5 x 0.6
5,000
ERJ-L14KF
* 1
ERJ-L12KJ
1812
1/2 W
20 ~ 100 milli.
* 5
4.5 x 3.2 x 0.6
ERJ-L12KF
* 1
ERJ-L1D
2010
1/2 W
40 ~ 100 milli.
* 5
,47 milli: * 300
<47 milli: * 100
5.0 x 2.5 x 0.6
5,000
ERJ-L1WKJ
2512
1W
40 ~ 100 milli.
* 5
* 100
6.4 x 3.2 x 1.1
3,000
ERJ-L1WKF
* 1
ERJ-M1WT
2512
1W
1 ~ 4 milli.
* 5
1 ~ 2 m
o * 500
1 ~ 2 m
o * 500
6.4 x 3.2 x 0.8
3,000
]
]
]
Metal plate is used as resistance element
Reflow and flow solderability
ERJ-M1WT type is for heat dissipation
*1% tolerance for 1~2 mo available upon
request
ERJ-M1WTF
3 ~ 4 milli.
* 1
ERJ-M1WSJ
3 ~ 20 milli.
* 5
> 5 mo: * 100
, 5 mo: * 350
ERJ-M1WSF
* 1
ERJ-A1
2512
1.33W
10m ~ 10k
* 1, * 5
>100 mo, 1%: * 100
>100 mo, 5%: * 200
<100 m
o: * 350
6.4 x 3.2 x .55
4,000
]
]
High solder joint reliability
Excellent heat dissipation
ERJ-B1
2010
1W
5.0 x 2.5 x .55
5,000
ERJ-B2
1206
1/2 W
5m ~ 1M
5-9 m
o 1mo step
10m to 1m, E-24
3.2 x 1.6 x 0.65
5,000
2512
2010
1812
1210
1206
0805
0603
0201
0402
2512(M)
2512
1812
1210
2512
1812
1210
1206
0805
0603
0402
] Halogen Free


Html Pages

1  2 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn