Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  



PM25LD512 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

Part No. PM25LD512
Description  512Kbit/1 Mbit / 2 Mbit Single Operating Voltage Serial Flash Memory With 100 MHz Dual-Output SPI Bus
Download  33 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

PM25LD512 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

 
Zoom Inzoom in Zoom Outzoom out
 2 page
background image
Pm25LD512/010/ 020
Confidential information
Chingis Technology Corp.
2
DRAFT Date: August, 2010, Rev:0.4
PRODUCT ORDERING INFORMATION
Pm25LDxxx - S C E
Environmental Attribute
E = Lead-free (Pb-free) and Halogen- free
package
Temperature Range
C = Commercial Grade (-40°C to +105°C)
Package Type
S = 8-pin SOIC 150mil (8S)
B = 8-pin SOIC 208mil (8B)
P = 8-pin PDIP 300 mil (8P)
K = 8-contact WSON (8K)
pFlash Device Number
Pm25LD512/010/020
Part Number
Operating Frequency (MHz)
Package
Temperature Range
Pm25LD512-SCE
Pm25LD010-SCE
Pm25LD020-SCE
100
8S
150mil SOIC
Pm25LD512-KCE
Pm25LD010-KCE
Pm25LD020-KCE
100
8K WSON
(Back Side
Metal)
Pm25LD040-PCE
100
8P 300mil PDIP
Pm25LD040-BCE
100
8B 208mil SOIC
Pm25LD512-DCE
Pm25LD010-DCE
Pm25LD020-DCE
100
8-pin TSSOP
Commercial Grade
(-40
oC to +105oC)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn