Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM195WD1 Datasheet(PDF) 29 Page - LG Semicon Co.,Ltd.

Part # LM195WD1
Description  19.5 HD TFT LCD
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM195WD1 Datasheet(HTML) 29 Page - LG Semicon Co.,Ltd.

Back Button LM195WD1 Datasheet HTML 23Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 24Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 25Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 26Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 27Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 28Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 29Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 30Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 31Page - LG Semicon Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
Product Specification
LM195WD1
Liquid Crystal Display
Ver. 0.2
Feb. 04, 2013
29 / 31
8. Packing
8-1. Designation of lot mark
a) Lot mark
A
B
C
D
E
F
G
H
I
J
K
L
M
A,B,C : Size (Inch)
D : Year
E : Month
F ~ M : Serial No.
Note:
1. Year
2. Month
Mark
Year
K
2020
F
2016
G
2017
H
2018
J
2019
D
2014
E
2015
C
B
A
2013
2012
2011
B
Nov
Mark
Month
A
Oct
6
Jun
7
Jul
8
Aug
9
Sep
4
Apr
5
May
C
3
2
1
Dec
Mar
Feb
Jan
b) Location of lot mark
Serial No. is printed on the label. The label is attached to the backside of the LCD module.
This is subject to change without prior notice.
8-2. Packing form
a) Package quantity in one box : TBD pcs(2 Modules are packed in 1 AL Bag.)
b) Box size : TBDmm x TBDmm X TBDmm


Similar Part No. - LM195WD1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM195 NSC-LM195 Datasheet
421Kb / 13P
   Ultra Reliable Power Transistors
LM195 NSC-LM195 Datasheet
230Kb / 11P
   Ultra Reliable Power Transistors
logo
Texas Instruments
LM195 TI1-LM195 Datasheet
1Mb / 20P
[Old version datasheet]   Ultra Reliable Power Transistors
logo
National Semiconductor ...
LM1950 NSC-LM1950 Datasheet
168Kb / 6P
   750 mA High Side Switch
logo
Shenzhen TOPWAY Technol...
LM19501 TOPWAY-LM19501 Datasheet
688Kb / 11P
   LCD Module User Manual
More results

Similar Description - LM195WD1

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
LP156WH3-TLA2 LG-LP156WH3-TLA2 Datasheet
945Kb / 26P
   15.6 HD TFT LCD
LM185WH2 LG-LM185WH2 Datasheet
570Kb / 31P
   18.5inch HD TFT LCD
LP140WH4 LG-LP140WH4 Datasheet
1Mb / 32P
   14.0 HD TFT LCD
LP173WD1 LG-LP173WD1 Datasheet
1Mb / 30P
   17.3??HD TFT LCD
LM200WD3 LG-LM200WD3 Datasheet
754Kb / 32P
   20.0 HD TFT LCD
LP140WH2 LG-LP140WH2 Datasheet
676Kb / 23P
   14.0??HD TFT LCD
LP140WF1 LG-LP140WF1 Datasheet
1Mb / 31P
   14.0??Full HD TFT LCD
LP156WF4-SLB5 LG-LP156WF4-SLB5 Datasheet
607Kb / 30P
   15.6??Full HD TFT LCD
LP140WH1 LG-LP140WH1 Datasheet
855Kb / 34P
   14.0?쓂 HD TFT LCD
LP140WD2 LG-LP140WD2 Datasheet
917Kb / 28P
   14.0?쓂 HD TFT LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com