Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET


LM195WD1 Datasheet(HTML) 12 Page - LG Semicon Co.,Ltd.

Part No. LM195WD1
Description  19.5 HD TFT LCD
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LG [LG Semicon Co.,Ltd.]
Homepage  
Logo 

LM195WD1 Datasheet(HTML) 12 Page - LG Semicon Co.,Ltd.

Zoom Inzoom in Zoom Outzoom out
 12 page
background image
Product Specification
LM195WD1
Liquid Crystal Display
Ver. 0.2
Feb. 04, 2013
12 / 31
Description
Symbol
Min
Max
Unit
Notes
LVDS Clock to Data Skew Margin
tSKEW
- 400 + 400
ps
85MHz > Fclk ≥
65MHz
tSKEW
- 600 + 600
ps
65MHz > Fclk ≥
25MHz
Maximum deviation
of input clock frequency during SSC
FDEV
-
±
3
%
1
LVDS Clock to Clock Skew Margin
(Even to Odd)
tSKEW_EO - 1/7 + 1/7
Tclk
-
3-3-3. AC Specification
LVDS Data
t SKEW
LVDS Clock
Tclk
t SKEW (Fclk = 1/Tclk )
1) 85 MHz > Fclk
≥ 65 MHz : - 400 ~ +400
2) 65 MHz > Fclk
≥ 25 MHz : - 600 ~ +600
LVDS Even Data
LVDS Odd Clock
LVDS Even Clock
t SKEW_ EO
T clk
T clk
< Clock skew margin between channel >
< Clock skew margin between clock (Even/Odd) >
Note 1 :
This SSC specifications are just T-CON operation specification. In case of various system
condition, the optimum setting value of SSC can be different. LGD recommend the SI
should be adjust the SSC deviation and modulation frequency in order not to happen any
kinds of defect phenomenon.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download




Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn