Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM195WD1 Datasheet(PDF) 17 Page - LG Semicon Co.,Ltd.

Part # LM195WD1
Description  19.5 HD TFT LCD
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM195WD1 Datasheet(HTML) 17 Page - LG Semicon Co.,Ltd.

Back Button LM195WD1 Datasheet HTML 13Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 14Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 15Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 16Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 17Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 18Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 19Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 20Page - LG Semicon Co.,Ltd. LM195WD1 Datasheet HTML 21Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 31 page
background image
Product Specification
LM195WD1
Liquid Crystal Display
Ver. 0.2
Feb. 04, 2013
17 / 31
3-7. Power sequence
Notes :
1. Please avoid floating state of interface signal at invalid period.
2. When the interface signal is invalid, be sure to pull down the power supply for
LCD VLCD to 0V.
3. LED power must be turn on after power supply for LCD an interface signal are valid.
Parameter
Values
Units
Min
Typ
Max
T1
0.5
-
10
ms
T2
0.01
-
50
ms
T3
500
-
-
ms
T4
200
-
-
ms
T5
0.01
-
50
ms
T7
1
-
-
s
Table 9. Power sequence
Interface Signal (Tx)
Power for Backlight
VLCD
Power Supply For LCD
10%
90%
90%
10%
T1 T2
T5
T7
T3
T4
Valid data
LED on
0V
OFF
OFF


Similar Part No. - LM195WD1

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM195 NSC-LM195 Datasheet
421Kb / 13P
   Ultra Reliable Power Transistors
LM195 NSC-LM195 Datasheet
230Kb / 11P
   Ultra Reliable Power Transistors
logo
Texas Instruments
LM195 TI1-LM195 Datasheet
1Mb / 20P
[Old version datasheet]   Ultra Reliable Power Transistors
logo
National Semiconductor ...
LM1950 NSC-LM1950 Datasheet
168Kb / 6P
   750 mA High Side Switch
logo
Shenzhen TOPWAY Technol...
LM19501 TOPWAY-LM19501 Datasheet
688Kb / 11P
   LCD Module User Manual
More results

Similar Description - LM195WD1

ManufacturerPart #DatasheetDescription
logo
LG Semicon Co.,Ltd.
LP156WH3-TLA2 LG-LP156WH3-TLA2 Datasheet
945Kb / 26P
   15.6 HD TFT LCD
LM185WH2 LG-LM185WH2 Datasheet
570Kb / 31P
   18.5inch HD TFT LCD
LP140WH4 LG-LP140WH4 Datasheet
1Mb / 32P
   14.0 HD TFT LCD
LP173WD1 LG-LP173WD1 Datasheet
1Mb / 30P
   17.3??HD TFT LCD
LM200WD3 LG-LM200WD3 Datasheet
754Kb / 32P
   20.0 HD TFT LCD
LP140WH2 LG-LP140WH2 Datasheet
676Kb / 23P
   14.0??HD TFT LCD
LP140WF1 LG-LP140WF1 Datasheet
1Mb / 31P
   14.0??Full HD TFT LCD
LP156WF4-SLB5 LG-LP156WF4-SLB5 Datasheet
607Kb / 30P
   15.6??Full HD TFT LCD
LP140WH1 LG-LP140WH1 Datasheet
855Kb / 34P
   14.0?쓂 HD TFT LCD
LP140WD2 LG-LP140WD2 Datasheet
917Kb / 28P
   14.0?쓂 HD TFT LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com