Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF


LM195WD1 Datasheet(PDF) 20 Page - LG Semicon Co.,Ltd.

Part No. LM195WD1
Description  19.5 HD TFT LCD
Download  31 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LG [LG Semicon Co.,Ltd.]
Homepage  
Logo 

 20 page
background image
Product Specification
LM195WD1
Liquid Crystal Display
Ver. 0.2
Feb. 04, 2013
20 / 31
Notes :
1. Contrast ratio(CR) is defined mathematically as :It is measured at center point(1)
Surface luminance with all white pixels
Contrast ratio =
---------------------------------------------------------
Surface luminance with all black pixels
2. Surface luminance is the luminance value at center 1 point(1) across
the LCD surface 50cm from the surface with all pixels displaying white.
For more information see FIG 8.
3. The variation in surface luminance ,  WHITE is defined as
Minimum (P1,P2 …..P9)
WHITE = --------------------------------------------- *100
Maximum (P1,P2 …..P9)
For more information see Figure 8.
FIG. 8 Luminance measuring point
<Measuring point for luminance variation> <Measuring point for surface luminance>
H
H/2
V/2
V
H : 433.92 mm
V : 236.34 mm
@ H,V : Active Area
Active Area
1
4
2
7
H
V
3
5
6
8
9
V/10
V/2
H/2
H/10
The values specified are at an approximate distance 50cm from the LCD surface at a viewing
angle of  and  equal to 0 °.
FIG. 7 presents additional information concerning the measurement equipment and method.
FIG. 7 Optical characteristic measurement equipment and method
50cm
Optical
Stage(x,y)
LCD Module
Pritchard 880
or equivalent




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl