Electronic Components Datasheet Search
  English  ā–¼

Delete All
ON OFF


I2001-6IMN1722B Datasheet(PDF) 4 Page - ILLUMINANT CO., LTD

Part No. I2001-6IMN1722B
Description  PRODUCT SPECIFICATION FOR LCM
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ILLUMINANT [ILLUMINANT CO., LTD]
Homepage  http://www.illumin.com.tw
Logo 

 
 4 page
background image
I
IIL
L
LL
L
LU
U
UM
M
MI
IIN
N
NA
A
AN
N
NT
T
T
I2001-6IMN1722B
4/14
1. Mechanical Specification
Item
Standard Value
Unit
Display Size
2.0
inch
Module Dimension
38.08(W)*52.2(H)*2.45(D)
mm
Active Area
31.68(W)*39.6(H)
mm
Number of Dots
176RGB*220Dots
Dot
Pixel Pitch
0.18(W)mm*0.18(H)mm
mm
LCD Type
Normal White
-
Viewing Direction
6H
-
Driver
ILI9225
-
Approx. Weight
TBD
g
Various Color Display
262K
Brightness
150
cd/m2
Backlight Type
3-LED
parallel
Backlight Color
White




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedĀ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl