Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

I2001-6IMN1722B Datasheet(PDF) 10 Page - ILLUMINANT CO., LTD

Part # I2001-6IMN1722B
Description  PRODUCT SPECIFICATION FOR LCM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ILLUMINANT [ILLUMINANT CO., LTD]
Direct Link  http://www.illumin.com.tw
Logo ILLUMINANT - ILLUMINANT CO., LTD

I2001-6IMN1722B Datasheet(HTML) 10 Page - ILLUMINANT CO., LTD

Back Button I2001-6IMN1722B Datasheet HTML 6Page - ILLUMINANT CO., LTD I2001-6IMN1722B Datasheet HTML 7Page - ILLUMINANT CO., LTD I2001-6IMN1722B Datasheet HTML 8Page - ILLUMINANT CO., LTD I2001-6IMN1722B Datasheet HTML 9Page - ILLUMINANT CO., LTD I2001-6IMN1722B Datasheet HTML 10Page - ILLUMINANT CO., LTD I2001-6IMN1722B Datasheet HTML 11Page - ILLUMINANT CO., LTD I2001-6IMN1722B Datasheet HTML 12Page - ILLUMINANT CO., LTD I2001-6IMN1722B Datasheet HTML 13Page - ILLUMINANT CO., LTD I2001-6IMN1722B Datasheet HTML 14Page - ILLUMINANT CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
I
IIL
L
LL
L
LU
U
UM
M
MI
IIN
N
NA
A
AN
N
NT
T
T
I2001-6IMN1722B
10/14
5. Interface
No.
Symbol
Function
1
DB15
Data Bus
2
DB14
Data Bus
3
DB13
Data Bus
4
DB12
Data Bus
5
DB11
Data Bus
6
DB10
Data Bus
7
DB9
Data Bus
8
DB8
Data Bus
9
GND
Ground
10
DB7
Data Bus
11
DB6
Data Bus
12
DB5
Data Bus
13
DB4
Data Bus
14
DB3
Data Bus
15
DB2
Data Bus
16
DB1
Data Bus
17
DB0
Data Bus
18
VDD
Power Supply
19
VDD
Power Supply
20
/RD
Read Signal
21
/WR
Write Signal
22
RS
Data/Command Select
23
/CS
Chip Select Signal
24
RESET
System Reset Pin
25
NC
NC
26
GND
Ground
27
A
LED anode pin
28
K1
LED cathode pin
29
K2
LED cathode pin
30
K3
LED cathode pin
31
NC
NC
32
NC
NC
33
NC
NC
34
NC
NC
35
GND
Ground
36
NC
NC


Similar Part No. - I2001-6IMN1722B

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
I2001RU MPD-I2001RU Datasheet
287Kb / 2P
   I2000RU SERIES
I2001RW MPD-I2001RW Datasheet
230Kb / 2P
   Ultra-Miniature 20W Wide 2:1 Input Range DC/DC Converters
More results

Similar Description - I2001-6IMN1722B

ManufacturerPart #DatasheetDescription
logo
ILLUMINANT CO., LTD
I2420-6OMN4823A ILLUMINANT-I2420-6OMN4823A Datasheet
751Kb / 28P
   PRODUCT SPECIFICATION FOR LCM
I4001-6XXT4827A ILLUMINANT-I4001-6XXT4827A Datasheet
873Kb / 12P
   PRODUCT SPECIFICATION FOR LCM
I1809-6IMN1216A ILLUMINANT-I1809-6IMN1216A Datasheet
376Kb / 13P
   PRODUCT SPECIFICATION FOR TFT LCM
I2417-7IMT2432A ILLUMINANT-I2417-7IMT2432A Datasheet
398Kb / 12P
   PRODUCT SPECIFICATION FOR TFT LCM
I3002-7IXN2440A ILLUMINANT-I3002-7IXN2440A Datasheet
470Kb / 20P
   PRODUCT SPECIFICATIO FOR LCM
I4303-6HMT4827A ILLUMINANT-I4303-6HMT4827A Datasheet
390Kb / 18P
   PRODUCT SPECIFICATIO FOR TFT LCM
I5002-6HPT4827A ILLUMINANT-I5002-6HPT4827A Datasheet
600Kb / 23P
   PRODUCT SPECIFICATIO FOR TFT LCM
I2810-7IMT2432A ILLUMINANT-I2810-7IMT2432A Datasheet
450Kb / 21P
   PRODUCT SPECIFICATIO FOR TFT LCM
I3504-6HMT3224B ILLUMINANT-I3504-6HMT3224B Datasheet
509Kb / 18P
   PRODUCT SPECIFICATIO FOR TFT LCM
logo
Varitronix internationa...
COG-T350MHQ-03 VARITRONIX-COG-T350MHQ-03 Datasheet
171Kb / 1P
   LCM Module Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com