Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3513IGV-3.30-A-A-T1 Datasheet(PDF) 6 Page - Advanced Analogic Technologies

Part # AAT3513IGV-3.30-A-A-T1
Description  Micropower uP Reset with Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3513IGV-3.30-A-A-T1 Datasheet(HTML) 6 Page - Advanced Analogic Technologies

Back Button AAT3513IGV-3.30-A-A-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3513IGV-3.30-A-A-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3513IGV-3.30-A-A-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3513IGV-3.30-A-A-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3513IGV-3.30-A-A-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3513IGV-3.30-A-A-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3513IGV-3.30-A-A-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3513IGV-3.30-A-A-T1 Datasheet HTML 9Page - Advanced Analogic Technologies AAT3513IGV-3.30-A-A-T1 Datasheet HTML 10Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
AAT3510/1/2/3/4/5/6/7/8/9
Micropower µP Reset with Watchdog Timer
6
3510.2004.08.1.4
Typical Characteristics
(Unless otherwise noted, VIN = 3V, TA = 25°C)
Maximum V
CC Transient Duration vs.
Reset Threshold Overdrive
0
10
20
30
40
50
60
70
80
10
100
1000
Reset Threshold Overdrive (mV) V
RST-VCC
V
RST =2.63V
Normalized Watchdog Timeout Period
vs. Temperature
0.95
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
1.05
-40
-20
0
20
40
60
80
100
Temperature (
°C)
Normalized Reset Timeout Period vs.
Temperature
0.95
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
1.05
-40
-20
0
20
40
60
80
100
Temperature (
°C)
Manual Reset to RESET Propagation
Delay vs. Temperature
200
250
300
350
400
450
500
-40
-20
0
20
40
60
80
100
Temperature (
°C)
V
CC=5V
Vcc Falling To RESET Propagation
Delay vs. Temperature
0
20
40
60
80
100
120
140
160
-40
-20
0
20
40
60
80
100
Temperature (
°C)
Vcc falling at 1mV/
µs
V
RST -Vcc=100mV
Supply Current vs. Temperature
0
1
2
3
4
5
6
7
8
9
10
-40
-20
0
20
40
60
80
100
Temperature (
°C)
Vcc=5V
Vcc=3V
Vcc=1V


Similar Part No. - AAT3513IGV-3.30-A-A-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3513 AAT-AAT3513 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analogic Techn...
AAT3513 ANALOGICTECH-AAT3513 Datasheet
110Kb / 11P
   Micropower 關P Reset with Watchdog Timer
More results

Similar Description - AAT3513IGV-3.30-A-A-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3510 AAT-AAT3510 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510_06 Datasheet
110Kb / 11P
   Micropower 關P Reset with Watchdog Timer
logo
Mitsumi Electronics, Co...
MM1106 MITSUMI-MM1106 Datasheet
89Kb / 5P
   System Reset (with watchdog timerbattery back-up)
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
ATMEL Corporation
AT83C5112 ATMEL-AT83C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
logo
ATMEL Corporation
AT87C5112 ATMEL-AT87C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
   SYSTEM RESET IC WITH WATCHDOG TIMER
logo
Rohm
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com