Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES8155 Datasheet(PDF) 31 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES8155
Description  Low Power Stereo Audio DAC With Headphone Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES8155 Datasheet(HTML) 31 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES8155 Datasheet HTML 25Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 26Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 27Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 28Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 29Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 30Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 31Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 32Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 33Page - Suzhou Everest Semiconductor Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 31 / 33 page
background image
Everest Semiconductor
ES8155
Version 1.0
3/29/2011
31
8.4
Power Consumption Characteristics
PARAMETER
MIN
TYP
MAX
UNIT
Normal Operation Mode
DVDD=1.8V, AVDD=1.8V:
Play back
DVDD=3.3V, AVDD=3.3V:
Play back
7
31
mW
Power Down Mode
DVDD=1.8V, AVDD=1.8V
DVDD=3.3V, AVDD=3.3V
TBD
TBD
mW
8.5
Serial Audio Port Switching Specifications
PARAMETER
Symbol
MIN
MAX
UNIT
MCLK frequency
51.2
MHz
MCLK duty cycle
40
60
%
LRCK frequency
200
KHz
LRCK duty cycle
40
60
%
SCLK frequency
26
MHz
SCLK pulse width low
TSCLKL
15
ns
SCLK Pulse width high
TSCLKH
15
ns
SCLK falling to LRCK edge
TSLR
–10
10
ns
SDIN valid to SCLK rising setup time
TSDIS
10
ns
SCLK rising to SDIN hold time
TSDIH
10
ns
8.6
Serial Control Port Switching Specifications
PARAMETER
Symbol
MIN
MAX
UNIT
SPI Mode
SPI_CLK clock frequency
10
MHz
SPI_CLK edge to SPI_CSn falling
TSPICS
5
ns
Figure 8 Serial Audio Port Timing


Similar Part No. - ES8155

ManufacturerPart #DatasheetDescription
logo
Suzhou Everest Semicond...
ES8156 EVEREST-ES8156 Datasheet
541Kb / 13P
   High Performance Stereo Audio DAC
More results

Similar Description - ES8155

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320DAC26 BURR-BROWN-TLV320DAC26 Datasheet
452Kb / 46P
   LOW POWER STEREO AUDIO DAC WITH HEADPHONE/SPEAKER AMPLIFIER
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
   Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
MOSA ELECTRONICS
MS6337 MOSA-MS6337 Datasheet
815Kb / 19P
   16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
logo
Protek Devices
PA5331 PROTEC-PA5331 Datasheet
744Kb / 27P
   Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Elite Semiconductor Mem...
AD5266 ESMT-AD5266 Datasheet
82Kb / 2P
   16V STEREO CLASS-D AUDIO POWER AMPLIFIER with STEREO HEADPHONE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com