Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES8155 Datasheet(PDF) 10 Page - Suzhou Everest Semiconductor Co. Ltd.

Part # ES8155
Description  Low Power Stereo Audio DAC With Headphone Amplifier
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVEREST [Suzhou Everest Semiconductor Co. Ltd.]
Direct Link  http://www.everest-semi.com/en_index.html
Logo EVEREST - Suzhou Everest Semiconductor Co. Ltd.

ES8155 Datasheet(HTML) 10 Page - Suzhou Everest Semiconductor Co. Ltd.

Back Button ES8155 Datasheet HTML 6Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 7Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 8Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 9Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 10Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 11Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 12Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 13Page - Suzhou Everest Semiconductor Co. Ltd. ES8155 Datasheet HTML 14Page - Suzhou Everest Semiconductor Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
Everest Semiconductor
ES8155
Version 1.0
3/29/2011
10
5.2
2-wire
2-wire interface is a bi-directional serial bus that uses a serial data line (SDA)
and a serial clock line (SCL) for data transfer. The timing diagram for data
transfer of this interface is given in Figure 2. Data are transmitted
synchronously to SCL clock on the SDA line on a byte-by-byte basis. Each bit
in a byte is sampled during SCL high with MSB bit being transmitted firstly.
Each transferred byte is followed by an acknowledge bit from receiver to pull
the SDA low. The transfer rate of this interface can be up to 100k bps.
A master controller initiates the transmission by sending a “start” signal, which
is defined as a high-to-low transition at SDA while SCL is high. The first byte
transferred is the slave address. It is a seven-bit chip address followed by a
RW bit. The chip address must be 001000x,where x equals AD0 (pin CE). The
RW bit indicates the slave data transfer direction. Once an acknowledge bit is
received, the data transfer starts to proceed on a byte-by-byte basis in the
direction specified by the RW bit. The master can terminate the communication
by generating a “stop” signal, which is defined as a low-to-high transition at
SDA while SCL is high.
In 2-wire interface mode, the registers can be written and read. The formats of
“write” and “read” instructions are shown in Table 3 and Table 4. Please note
that, to read data from a register, you must set R/W bit to 0 to access the
register address and then set R/W to 1 to read data from the register. There
are no acknowledge bit after data to be written or read, this is the only
difference from the I
2C protocol.
Table 3 Write Data to Register in 2-wire Interface Mode
Chip Address
R/W
Register Address
Data to be written
001000
AD0
0
ACK
RAM
ACK
DATA
Table 4 Read Data from Register in 2-wire Interface Mode
Chip Address
R/W
Register Address
001000
AD0
0
ACK
RAM
Chip Address
R/W
Data to be read
001000
AD0
1
ACK
DATA
Figure 2 Complete Data Transfer for 2-wire Interface


Similar Part No. - ES8155

ManufacturerPart #DatasheetDescription
logo
Suzhou Everest Semicond...
ES8156 EVEREST-ES8156 Datasheet
541Kb / 13P
   High Performance Stereo Audio DAC
More results

Similar Description - ES8155

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TLV320DAC26 BURR-BROWN-TLV320DAC26 Datasheet
452Kb / 46P
   LOW POWER STEREO AUDIO DAC WITH HEADPHONE/SPEAKER AMPLIFIER
logo
Maxim Integrated Produc...
MAX9850 MAXIM-MAX9850 Datasheet
956Kb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
Rev 0; 11/04
MAX9850 MAXIM-MAX9850_V01 Datasheet
3Mb / 36P
   Stereo Audio DAC with DirectDrive Headphone Amplifier
19-3454; Rev 4; 8/19
logo
Protek Devices
PA5155 PROTEC-PA5155 Datasheet
734Kb / 27P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
Suzhou Everest Semicond...
ES8328 EVEREST-ES8328 Datasheet
527Kb / 37P
   Low Power Stereo Audio CODEC With Headphone Amplifier
Revision 1.0
ES8388 EVEREST-ES8388 Datasheet
830Kb / 36P
   Low Power Stereo Audio CODEC With Headphone Amplifier
logo
MOSA ELECTRONICS
MS6337 MOSA-MS6337 Datasheet
815Kb / 19P
   16-Bit Stereo Audio DAC & Mono 1.8W Power Amplifier Plus Stereo Headphone Function
logo
Protek Devices
PA5331 PROTEC-PA5331 Datasheet
744Kb / 27P
   Low Power 24-Bit, Stereo Audio CODEC With Headphone Amplifier
PA5750 PROTEC-PA5750 Datasheet
300Kb / 30P
   Low Power Stereo Audio CODEC With Speaker and Headphone Amplifier.
logo
Elite Semiconductor Mem...
AD5266 ESMT-AD5266 Datasheet
82Kb / 2P
   16V STEREO CLASS-D AUDIO POWER AMPLIFIER with STEREO HEADPHONE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com