Electronic Components Datasheet Search
Selected language     English  β–Ό

Delete All
ON OFF

Advanced Search

              





CXD3048R Datasheet(PDF) 6 Page - Sony Corporation

Part No. CXD3048R
Description  CD Digital Signal Processor with Built-in Digital Servo Shock-proof Memory Controller Digital High & Bass Boost
Download  205 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SONY [Sony Corporation]
Homepage  http://www.sony.co.jp
Logo 

 6 page
background image
– 6 –
CXD3048R
66
67
68
69
70
71
72
73
74
75
76
77
78
79
80
81
82
83
84
85
86
87
88
89
90
91
92
93
94
95
96
97
98
99
100
MIRR
COUT
C2PO
GFS
XUGF
XPCK
VDD1
PCO
FILI
FILO
CLTV
VCTL
VPCO
AVSS3
ASYO
ASYI
BIAS
AVDD3
RFAC
AVDD0
IGEN
AVSS0
RFDC
CE
TE
SE
FE
VC
VSS2
FRDR
FFDR
TRDR
TFDR
SRDR
SFDR
I/O
I/O
O
O
O
O
β€”
O
I
O
I
I
O
β€”
O
I
I
β€”
I
β€”
I
β€”
I
I
I
I
I
I
β€”
O
O
O
O
O
O
Mirror signal input/output.
Track number count signal input/output. SCOR is output by switching with
the command.
C2PO output. MNT3 and GTOP are output by switching with the
command.
GFS output. MNT2 and XROF are output by switching with the command.
XUGF output. MNT0, RFCK, C4M and QRCVD are output by switching
with the command.
XPCK output. MNT1, FSTO and GTOP are output by switching with the
command.
Digital power supply.
Master PLL charge pump output.
Master PLL filter input.
Master PLL (slave = digital PLL) filter output.
Multiplier VCO1 control voltage input.
Wide-band EFM PLL VCO2 control voltage input.
Wide-band EFM PLL charge pump output.
Analog GND.
EFM full-swing output (low = Vss, high = VDD).
Asymmetry comparator voltage input.
Asymmetry circuit constant current input.
Analog power supply.
EFM signal input.
Analog power supply.
Operational amplifier constant current input.
Analog GND.
RF signal input.
Center servo analog input or E input.
Tracking error signal input or F input.
Sled error signal input or B input.
Focus error signal input or A input.
Center voltage input.
Digital GND.
Focus drive output.
Focus drive output.
Tracking drive output.
Tracking drive output.
Sled drive output.
Sled drive output.
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
β€”
1, Z, 0
Analog
1, Z, 0
β€”
1, 0
β€”
β€”
β€”
β€”
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
ASYM
A/D
Digital
Pin
No.
Symbol
I/O
Description
Power
supply
Value
Digital




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
CXD3027RCD Digital Signal Processor with Built-in Digital Servo + Shock-Proof Memory Controller + Digital High & Bass Boost 1 2 3 4 5 MoreSony Corporation
CXD3029RCD Digital Signal Processor with Built-in Digital Servo + Shock-proof Memory Controller + Digital High & Bass Boost 1 2 3 4 5 MoreSony Corporation
CXD3059ARCD Digital Signal Processor with Built-in RF Amplifier and Digital Servo + Digital High & Bass Boost 1 2 3 4 5 MoreSony Corporation
CXD3057RCD Digital Signal Processor with Built - in RF Amplifier and Digital Servo Digital High - Bass Boost 1 2 3 4 5 MoreSony Corporation
CXD2586RCD Digital Signal Processor with Built-in Digital Servo and DAC 1 2 3 4 5 MoreSony Corporation
CXD2587QCD Digital Signal Processor with Built-in Digital Servo and DAC 1 2 3 4 5 MoreSony Corporation
CXD2588QCD Digital Signal Processor with Built-in Digital Servo and DAC 1 2 3 4 5 MoreSony Corporation
CXD2597QCD Digital Signal Processor with Built-in Digital Servo and DAC 1 2 3 4 5 MoreSony Corporation
CXD2598QCD Digital Signal Processor with Built-in Digital Servo and DAC 1 2 3 4 5 MoreSony Corporation
CXD3000RCD Digital Signal Processor with Built-in Digital Servo and DAC 1 2 3 4 5 MoreSony Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights ReservedΒ© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl