Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS91L1006BU10L100CF Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AS91L1006BU10L100CF
Description  The AS91L1006BU is a one to 6-port JTAG gateway
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AS91L1006BU10L100CF Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AS91L1006BU10L100CF Datasheet HTML 1Page - List of Unclassifed Manufacturers AS91L1006BU10L100CF Datasheet HTML 2Page - List of Unclassifed Manufacturers AS91L1006BU10L100CF Datasheet HTML 3Page - List of Unclassifed Manufacturers AS91L1006BU10L100CF Datasheet HTML 4Page - List of Unclassifed Manufacturers AS91L1006BU10L100CF Datasheet HTML 5Page - List of Unclassifed Manufacturers AS91L1006BU10L100CF Datasheet HTML 6Page - List of Unclassifed Manufacturers AS91L1006BU10L100CF Datasheet HTML 7Page - List of Unclassifed Manufacturers AS91L1006BU10L100CF Datasheet HTML 8Page - List of Unclassifed Manufacturers AS91L1006BU10L100CF Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
July 2004
AS91L1006BU
Table 2 - AS91L1006BU Multi Cast Group
Selection Table
Table 3 - AS91L1006BU Device
Register Description
Selection
Mode
Binary
Address
Function
Single
Address
Mode
XX000000 to
XX111010
Single AS91L1006BU
selected the TDO of
the device will be
active
Broad
Cast Mode
XX111011
All accessible
AS91L1006BU
devices are selected
for operation. TDO on
all devices will be in
HighZ
Multi-Cast
Group 0
XX111100
Access all
AS91L1006BU
devices that have
been placed in GRP0
by their MCGR
contents
Multi-Cast
Group 1
XX111101
Access all
AS91L1006BU
devices that have
been placed in GRP1
by their MCGR
contents
Multi-Cast
Group 2
XX111110
Access all
AS91L1006BU
devices that have
been placed in GRP2
by their MCGR
contents
Multi-Cast
Group 3
XX111111
Access all
AS91L1006BU
devices that have
been placed in GRP3
by their MCGR
contents
Register
Name
Description
Instruction
Register
AS91L1006BU device
addressing and instruction-
decode
IEEE Std. 1149.1 required
register
Boundary-
Scan
Register
IEEE Std. 1149.1 required
register
Bypass
Register
IEEE Std. 1149.1 required
register
Device
Identification
Register
IEEE Std. 1149.1 optional
register
User Code
Register
IEEE Std. 1149.1 optional
register
Status
Register
AS91L1006BU device non
intrusive 8-bit register pre load
able from the I/O pins
Self Test
Register
AS91L1006BU device specific
single bit register for initiating
self testing on a PCB
Mode
Register
AS91L1006BU device local-port
configuration and control bits
Auto Write
Register
AS91L1006BU device Auto
Write feature enable register
LSP Async
Reset
Register
AS91L1006BU device Async
reset register for the LSPs
www.alsc.com
Alliance Semiconductor
4
2003, 2004 © Copyright Alliance Semiconductor Corporation. All Rights reserved.


Similar Part No. - AS91L1006BU10L100CF

ManufacturerPart #DatasheetDescription
logo
QuWireless
AS915 QUWIRELESS-AS915 Datasheet
1Mb / 4P
   Directional 915MHz LoRa outdoor antenna
AS915XR QUWIRELESS-AS915XR Datasheet
1Mb / 4P
   Directional 915MHz LoRa outdoor antenna
More results

Similar Description - AS91L1006BU10L100CF

ManufacturerPart #DatasheetDescription
logo
Level One
VOI-8001 LVL1-VOI-8001 Datasheet
134Kb / 2P
   The LevelOne VOI-8001 is a cost-effective VoIP telephone gateway
logo
STMicroelectronics
ST20-JPI STMICROELECTRONICS-ST20-JPI Datasheet
78Kb / 10P
   PC PARALLEL PORT TO JTAG INTERFACE
logo
Altera Corporation
EP3C5E144C8N ALTERA-EP3C5E144C8N Datasheet
6Mb / 348P
   Ability to disable external JTAG port
logo
THOR communications
H-1ASI-IP THOR-H-1ASI-IP Datasheet
709Kb / 1P
   The H-1ASI-IP is a video gateway for DVB-IP systems
logo
RF Monolithics, Inc
RO2101E RFM-RO2101E Datasheet
134Kb / 2P
   The RO2101E is a true one-port, surface-acoustic-wave (SAW) resonator in a surface-mount, ceramic case.
logo
Surge Components
2N2222 SURGE-2N2222 Datasheet
521Kb / 3P
   the transistor is subdivded into one group
logo
List of Unclassifed Man...
ADAM-4572 ETC2-ADAM-4572 Datasheet
185Kb / 1P
   1-port Modbus짰 to Ethernet Data Gateway
logo
Micrel Semiconductor
KS8695PX MICREL-KS8695PX Datasheet
206Kb / 2P
   MULTI-PORT SINGLE PCI GATEWAY-ON-A-CHIP
logo
Littelfuse
SPUSB1 LITTELFUSE-SPUSB1 Datasheet
97Kb / 3P
   The Littelfuse SPUSB1 Series is a multifunctional USB port protection
logo
Advantech Co., Ltd.
ADAM-4572 ADVANTECH-ADAM-4572 Datasheet
352Kb / 1P
   1-port Modbus Gateway
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com