Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AAT3512IGV-4.50-A-A-T1 Datasheet(PDF) 3 Page - Advanced Analogic Technologies

Part # AAT3512IGV-4.50-A-A-T1
Description  Micropower uP Reset with Watchdog Timer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies

AAT3512IGV-4.50-A-A-T1 Datasheet(HTML) 3 Page - Advanced Analogic Technologies

  AAT3512IGV-4.50-A-A-T1 Datasheet HTML 1Page - Advanced Analogic Technologies AAT3512IGV-4.50-A-A-T1 Datasheet HTML 2Page - Advanced Analogic Technologies AAT3512IGV-4.50-A-A-T1 Datasheet HTML 3Page - Advanced Analogic Technologies AAT3512IGV-4.50-A-A-T1 Datasheet HTML 4Page - Advanced Analogic Technologies AAT3512IGV-4.50-A-A-T1 Datasheet HTML 5Page - Advanced Analogic Technologies AAT3512IGV-4.50-A-A-T1 Datasheet HTML 6Page - Advanced Analogic Technologies AAT3512IGV-4.50-A-A-T1 Datasheet HTML 7Page - Advanced Analogic Technologies AAT3512IGV-4.50-A-A-T1 Datasheet HTML 8Page - Advanced Analogic Technologies AAT3512IGV-4.50-A-A-T1 Datasheet HTML 9Page - Advanced Analogic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AAT3510/1/2/3/4/5/6/7/8/9
Micropower µP Reset with Watchdog Timer
3510.2004.08.1.4
3
Absolute Maximum Ratings (T
A=25°C unless otherwise noted)
Note: Stresses above those listed in Absolute Maximum Ratings may cause permanent damage to the device. Functional operation at con-
ditions other than the operating conditions specified is not implied. Only one Absolute Maximum rating should be applied at any one time.
Thermal Information
Note 1: Mounted on FR4 board
Electrical Characteristics (V
CC = 2.5V to 5.5V, TA = -40 to +85°C
1
unless otherwise noted.
Typical values are at TA=25°C )
Symbol Description
Conditions
Min
Typ
Max
Units
VCC
Operating Voltage Range TA = -40°C to +85°C
1
5.5
V
AAT3510/1/2/3/4/7/8:
VCC = 3.6V
5
15
MR & WDI unconnected VCC = 5.5V
6
18
ICC
Supply Current
AAT3515/6/9:
VCC = 3.6V
15
µA
MR unconnected
VCC = 5.5V
18
VTH
Reset Threshold Voltage
TA = 25°C
VTHNOM-1.5% VTH VTHNOM+1.5%
V
TA = -40 to +85°C
VTHNOM-2.5% VTH VTHNOM+2.5%
TC
Reference Voltage
-40°C < TA < +85°C
±40
ppm/°C
Temp Coeff
AAT351xIGV-xx-A-x-T1
1
1.4
2
tRP
Reset Active Timeout
AAT351xIGV-xx-B-x-T1
20
28
40
ms
Period
AAT351xIGV-xx-C-x-T1
140
200
280
TRD
VCC to RESET Delay
VCC falling at 1mV/µs
40
µs
Symbol
Description
Value
Units
ΘJA
Maximum Thermal Resistance1
190
°C/W
PD
Maximum Power Dissipation1
526
mW
Symbol
Description
Max
Units
VCC
VCC to GND
-0.3 to 6
V
VMR, VWDI
MR, WDI to GND
-0.3 to VCC+0.3
V
VRESET
RESET to GND (Push-Pull or Bidirectional Output)
-0.3 to VCC+0.3
V
RESET to GND (Open Drain Output)
-0.3 to 6
IVCC, IMR, IWDI
Maximum Continuous Input Current
20
mA
IRESET
RESET/RESET Output Current
20
mA
dVCC/dt
Rate of rise of VCC
100
V/µs
TJ
Operating Junction Temperature Range (-40° to 150°C)
150
°C


Similar Part No. - AAT3512IGV-4.50-A-A-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3512IGV-2.63-A-C-T1 AAT-AAT3512IGV-2.63-A-C-T1 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analogic Techn...
AAT3512IGV-2.63-A-C-T1 ANALOGICTECH-AAT3512IGV-2.63-A-C-T1 Datasheet
110Kb / 11P
   Micropower 關P Reset with Watchdog Timer
logo
Advanced Analog Technol...
AAT3512IGV-2.63-C-C-T1 AAT-AAT3512IGV-2.63-C-C-T1 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analogic Techn...
AAT3512IGV-2.63-C-C-T1 ANALOGICTECH-AAT3512IGV-2.63-C-C-T1 Datasheet
110Kb / 11P
   Micropower 關P Reset with Watchdog Timer
More results

Similar Description - AAT3512IGV-4.50-A-A-T1

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3510 AAT-AAT3510 Datasheet
110Kb / 11P
   Micropower uP Reset with Watchdog Timer
logo
Advanced Analogic Techn...
AAT3510 ANALOGICTECH-AAT3510_06 Datasheet
110Kb / 11P
   Micropower 關P Reset with Watchdog Timer
logo
Mitsumi Electronics, Co...
MM1106 MITSUMI-MM1106 Datasheet
89Kb / 5P
   System Reset (with watchdog timerbattery back-up)
logo
Vishay Siliconix
SIP823 VISHAY-SIP823 Datasheet
55Kb / 6P
   5-Pin UP Reset Circuits with Watchdog Timer and Manual Reset
Rev. B, 14-Jun-04
logo
ATMEL Corporation
AT83C5112 ATMEL-AT83C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
logo
Rohm
BD3004HFP ROHM-BD3004HFP Datasheet
241Kb / 6P
   Voltage Regulator with Watchdog timer Reset
logo
ATMEL Corporation
AT87C5112 ATMEL-AT87C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
logo
New Japan Radio
NJU7291 NJRC-NJU7291 Datasheet
276Kb / 10P
   SYSTEM RESET IC WITH WATCHDOG TIMER
logo
Rohm
BD3005HFP ROHM-BD3005HFP Datasheet
356Kb / 6P
   Voltage Regulator with Watchdog Timer Reset
logo
ATMEL Corporation
AT80C5112 ATMEL-AT80C5112_14 Datasheet
989Kb / 97P
   Hardware Watchdog Timer with Reset-out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com