Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E-10 Datasheet(PDF) 1 Page - Pentair plc. All rights reserved.

Part # E-10
Description  PREFILTER SYSTEM FOR FOODSERVICE APPLICATIONS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PENTAIR [Pentair plc. All rights reserved.]
Direct Link  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

E-10 Datasheet(HTML) 1 Page - Pentair plc. All rights reserved.

  E-10 Datasheet HTML 1Page - Pentair plc. All rights reserved. E-10 Datasheet HTML 2Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOODSERVICE
EV9795-80 SPECIFICATION SHEET
PREFILTER SYSTEM FOR FOODSERVICE APPLICATIONS
For All Foodservice Applications
Requiring Prefiltration
High Sediment Areas
Filters out larger dirt and rust particles
Durable slim bowl design makes cartridge
change outs easy to handle
Extends the life of primary filter cartridges
10" bowl design accepts most 10" drop
in cartridges
Tightly spun Everpure EC110 sediment
cartridge delivers 10-micron nominal
filtration
APPLICATIONS
FEATURES • BENEFITS
Choose a mounting location suitable to
support the full weight of the system
when operating.
Make sure to properly lubricate o-ring
prior to use.
Use 3/4" water line (optional reducer
bushings included).
Install vertically with bowl hanging down.
Allow 212" (6.35 cm) clearance below the
cartridge for easy cartridge replacement.
Inspect Everpure EC110 Cartridge
periodically to determine dirt load.
Replace Everpure EC110 Cartridge when
dirt has penetrated through to the inner
core of the cartridge.
Do not exceed service flow rate.
Inspect o-ring during each cartridge
change. Lubricate and/or replace
if necessary.
Service Flow Rate: Maximum 4.0 gpm
(15 Lpm)
INSTALLATION TIPS
OPERATION TIPS
SIZING
E-10 Prefilter System: EV9795-80
Everpure EC110 Prefilter Cartridge: EV9534-12
EVERPURE® E-10 PREFILTER SYSTEM


Similar Part No. - E-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
E-1000 ETC2-E-1000 Datasheet
36Kb / 1P
   STANDARD TOLERANCE
E-1000 ETC2-E-1000 Datasheet
280Kb / 1P
   ECON-O-GIDE PRESS-IN CARD GUIDE
E-1000-CI ETC2-E-1000-CI Datasheet
116Kb / 1P
   ECON-O-GIDE PRESS-IN CARD GUIDE W/CONDUCTIVE INSERT
E-101 ETC2-E-101 Datasheet
605Kb / 3P
   CURRENT REGULATIVE DIODE
logo
New Jersey Semi-Conduct...
E-101L NJSEMI-E-101L Datasheet
196Kb / 2P
   CURRENT REGULATOR DIODES
More results

Similar Description - E-10

ManufacturerPart #DatasheetDescription
logo
Pentair plc. All rights...
MRS-350CC PENTAIR-MRS-350CC Datasheet
396Kb / 2P
   CONFIGURABLE SYSTEM THAT DELIVERS REVERSE OSMOSIS WATER FOR MULTIPLE FOODSERVICE APPLICATIONS
MRS-350 PENTAIR-MRS-350 Datasheet
385Kb / 2P
   CONFIGURABLE SYSTEM THAT DELIVERS REVERSE OSMOSIS WATER FOR MULTIPLE FOODSERVICE APPLICATIONS
CG5-10S PENTAIR-CG5-10S Datasheet
288Kb / 2P
   DROP-IN REPLACEMENT CARTRIDGE FOR FOODSERVICE APPLICATIONS
CGT-10S PENTAIR-CGT-10S Datasheet
218Kb / 2P
   DROP-IN REPLACEMENT CARTRIDGE FOR FOODSERVICE APPLICATIONS
CG5-20S PENTAIR-CG5-20S Datasheet
284Kb / 2P
   DROP-IN REPLACEMENT CARTRIDGE FOR FOODSERVICE APPLICATIONS
CG53-10 PENTAIR-CG53-10 Datasheet
288Kb / 2P
   DROP-IN REPLACEMENT CARTRIDGE FOR FOODSERVICE APPLICATIONS
MRS-225 PENTAIR-MRS-225 Datasheet
430Kb / 2P
   CONFIGURABLE SYSTEM THAT DELIVERS REVERSE OSMOSIS OR BLENDED WATER FOR MULTIPLE FOODSERVICE APPLICATIONS
MRS-225CC PENTAIR-MRS-225CC Datasheet
424Kb / 2P
   CONFIGURABLE SYSTEM THAT DELIVERS REVERSE OSMOSIS OR BLENDED WATER FOR MULTIPLE FOODSERVICE APPLICATIONS
4CB5-K PENTAIR-4CB5-K Datasheet
263Kb / 2P
   DELIVERS QUALITY WATER FOR FOODSERVICE, VENDING AND OCS APPLICATIONS
2CB5-K PENTAIR-2CB5-K Datasheet
245Kb / 2P
   DELIVERS QUALITY WATER FOR FOODSERVICE, VENDING AND OCS APPLICATIONS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com