Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-315G-MI400 Datasheet(PDF) 5 Page - Agilent(Hewlett-Packard)

Part # HDSP-315G-MI400
Description  10 mm and 13 mm Slim Font Seven Segment Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-315G-MI400 Datasheet(HTML) 5 Page - Agilent(Hewlett-Packard)

  HDSP-315G-MI400 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HDSP-315G-MI400 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-315G-MI400 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-315G-MI400 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-315G-MI400 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-315G-MI400 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-315G-MI400 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-315G-MI400 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-315G-MI400 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
AlGaAs Red Low Current
Device
Series
Test
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
315/316H
Luminous Intensity/Segment[1,2]
IV
180
650
µcd
IF = 1 mA
515/516H
(Digit Average)
Forward Voltage/Segment or DP
VF
1.8
2.2
V
IF = 1 mA
Peak Wavelength
λ
PEAK
645
nm
Dominant Wavelength[3]
λ
d
637
nm
Reverse Voltage/Segment or DP[4]
VR
315
V
IR = 100 µA
Thermal Resistance LED
R
θ
J-PIN
255
°C/W/Seg
Junction-to-Pin
HER
Device
Series
Test
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
315/316E
Luminous Intensity/Segment[1,2]
IV
450
2600
µcd
IF = 10 mA
515/516E
(Digit Average)
Forward Voltage/Segment or DP
VF
1.9
2.5
V
IF = 10 mA
Peak Wavelength
λ
PEAK
635
nm
Dominant Wavelength[3]
λ
d
626
nm
Reverse Voltage/Segment or DP[4]
VR
330
V
IR = 100 µA
Thermal Resistance LED
R
θ
J-PIN
200
°C/W/Seg
Junction-to-Pin
HER Low Current
Device
Series
Test
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
315/316L
Luminous Intensity/Segment[1,2]
IV
180
370
µcd
IF = 2 mA
515/516L
(Digit Average)
Forward Voltage/Segment or DP
VF
2.1
2.5
V
IF = 2 mA
Peak Wavelength
λ
PEAK
635
nm
Dominant Wavelength[3]
λ
d
626
nm
Reverse Voltage/Segment or DP[4]
VR
330
V
IR = 100 µA
Thermal Resistance LED
R
θ
J-PIN
200
°C/W/Seg
Junction-to-Pin
Electrical/Optical Characteristics at TA = 25°C


Similar Part No. - HDSP-315G-MI400

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315G AVAGO-HDSP-315G Datasheet
315Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315G HP-HDSP-315G Datasheet
85Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315G AVAGO-HDSP-315G Datasheet
175Kb / 8P
   10 mm and 13 mm Slim Font Seven Segment Displays
More results

Similar Description - HDSP-315G-MI400

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-301E AVAGO-HDSP-301E_07 Datasheet
176Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315X HP-HDSP-315X Datasheet
85Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301X HP-HDSP-301X Datasheet
101Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301 HP-HDSP-301 Datasheet
88Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315H AVAGO-HDSP-315H_11 Datasheet
315Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-315X AVAGO-HDSP-315X Datasheet
175Kb / 8P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-56XC AVAGO-HDSP-56XC Datasheet
321Kb / 6P
   13 mm Slim Font Seven Segment Displays
HDSP-301X AVAGO-HDSP-301X Datasheet
37Kb / 1P
   10 mm Slim Font Seven Segment Displays
HDSP-431G AVAGO-HDSP-431G Datasheet
356Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-431G HP-HDSP-431G Datasheet
87Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com