Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HDSP-316G-HK400 Datasheet(PDF) 6 Page - Agilent(Hewlett-Packard)

Part # HDSP-316G-HK400
Description  10 mm and 13 mm Slim Font Seven Segment Displays
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HDSP-316G-HK400 Datasheet(HTML) 6 Page - Agilent(Hewlett-Packard)

Back Button HDSP-316G-HK400 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HDSP-316G-HK400 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HDSP-316G-HK400 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HDSP-316G-HK400 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HDSP-316G-HK400 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HDSP-316G-HK400 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HDSP-316G-HK400 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HDSP-316G-HK400 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HDSP-316G-HK400 Datasheet HTML 10Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
Green
Device
Series
Test
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
315/316E
Luminous Intensity/Segment[1,2]
IV
450
5000
µcd
IF = 10 mA
515/516E
(Digit Average)
Forward Voltage/Segment or DP
VF
2.1
2.5
V
IF = 10 mA
Peak Wavelength
λ
PEAK
566
nm
Dominant Wavelength[3]
λ
d
571
nm
Reverse Voltage/Segment or DP[4]
VR
350
V
IR = 100 µA
Thermal Resistance LED
R
θ
J-PIN
200
°C/W/Seg
Junction-to-Pin
Notes:
1. Case temperature of device immediately prior to the intensity measurement is 25
°C.
2. The digits are categorized for luminous intensity. The intensity category is designated by a letter on the side of the package.
3. The dominant wavelength,
λ is derived from the CIE chromaticity diagram and is that single wavelength which defines the color of the
device.
4. Typical specification for reference only. Do not exceed absolute maximum ratings.
Yellow
Device
Series
Test
HDSP-
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
315/316Y
Luminous Intensity/Segment[1,2]
IV
450
1800
µcd
IF = 10 mA
515/516Y
(Digit Average)
Forward Voltage/Segment or DP
VF
2.0
2.5
V
IF = 10 mA
Peak Wavelength
λ
PEAK
583
nm
Dominant Wavelength[3]
λ
d
586
nm
Reverse Voltage/Segment or DP[4]
VR
350
V
IR = 100 µA
Thermal Resistance LED
R
θ
J-PIN
200
°C/W/Seg
Junction-to-Pin
Figure 1. Maximum Allowable Average
or DC Current vs. Ambient
Temperature.
Figure 2. Forward Current vs.
Forward Voltage.
Figure 3. Relative Luminous Intensity
vs DC Forward Current.
16
0
2
4
6
8
10
12
14
20
100
90
80
70
60
50
40
30
TA – AMBIENT TEMPERATURE – °C
120
110
20
18
J-A
R
θ
= 770°C/W
1.0
2.5
50.0
2.0
0.1
VF – FORWARD VOLTAGE – V
1.5
2.0
20.0
10.0
1.0
0.5
0.5
0
5.0
0.5
20
20
2
0.1
IF – FORWARD CURRENT
PER SEGMENT – mA
12
5
10
10
5
1
0.5
0.2
0.2
0.1
AlGaAs Low Current


Similar Part No. - HDSP-316G-HK400

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-316G AVAGO-HDSP-316G Datasheet
315Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-316G AVAGO-HDSP-316G Datasheet
175Kb / 8P
   10 mm and 13 mm Slim Font Seven Segment Displays
More results

Similar Description - HDSP-316G-HK400

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-301E AVAGO-HDSP-301E_07 Datasheet
176Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-315X HP-HDSP-315X Datasheet
85Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301X HP-HDSP-301X Datasheet
101Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-301 HP-HDSP-301 Datasheet
88Kb / 10P
   10 mm and 13 mm Slim Font Seven Segment Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDSP-315H AVAGO-HDSP-315H_11 Datasheet
315Kb / 9P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-315X AVAGO-HDSP-315X Datasheet
175Kb / 8P
   10 mm and 13 mm Slim Font Seven Segment Displays
HDSP-56XC AVAGO-HDSP-56XC Datasheet
321Kb / 6P
   13 mm Slim Font Seven Segment Displays
HDSP-301X AVAGO-HDSP-301X Datasheet
37Kb / 1P
   10 mm Slim Font Seven Segment Displays
HDSP-431G AVAGO-HDSP-431G Datasheet
356Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
logo
Agilent(Hewlett-Packard...
HDSP-431G HP-HDSP-431G Datasheet
87Kb / 6P
   10 mm Three Digit Slim Font with 2-Colons Seven Segment Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com