Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-937 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AN-937
Description  Gate Drive Characteristics and Requirements for HEXFET
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AN-937 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AN-937 Datasheet HTML 6Page - List of Unclassifed Manufacturers AN-937 Datasheet HTML 7Page - List of Unclassifed Manufacturers AN-937 Datasheet HTML 8Page - List of Unclassifed Manufacturers AN-937 Datasheet HTML 9Page - List of Unclassifed Manufacturers AN-937 Datasheet HTML 10Page - List of Unclassifed Manufacturers AN-937 Datasheet HTML 11Page - List of Unclassifed Manufacturers AN-937 Datasheet HTML 12Page - List of Unclassifed Manufacturers AN-937 Datasheet HTML 13Page - List of Unclassifed Manufacturers AN-937 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
AN-937 (v.Int)
Input: 5V/div
Output : 5V/div
Horiz: 500ns/div
Figure 15b: Waveforms of the circuit in Figure 21a
when loaded with 100nF
FILE: 01A-POL.DAT
VBATT1 5V/div
Output: 5V/div
Horiz: 20ms/div
File: 01-UV.dat
Figure 16. Start-up waveforms for the
circuit of Figure 15a.
Gate Voltage: 10V/div
C2 ripple voltage: 0.5V/div
Q1 drain voltage: 200V/div
Horiz: 5
µ
µs/div
File: GPS-1.plt
Figure 17b. Waveforms of the circuit in Figure
23a.C1 = 100 pF, R3 = 5.6 k, f = 50 kHz
Figure 17a. Drive supply developed from the drain voltage
+15V
D3
15V
15VRTN
C2
0.1
R3
D2
1N4148
C1
R2
100
D1
1N4148
Q1
IRF840
R1
10
Q2
IRF840
R4
R
G2
DRVRTN
DRIVE
VCC(300V)
20
30
40
50
60
70
80
90
100
0
1
2
3
Frequency (kHz)
Figure 18. Zener current (max output current)
for the circuit in Figure 23a.
Figure 19. Start-up voltage at 50 kHz
for the circuit in Figure 23a.
Horiz.: 500
µ
µs/div
File: GPS-3.PLT
C2 voltage: 5V/div.
To Order
Index


Similar Part No. - AN-937

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AN-931 AD-AN-931 Datasheet
631Kb / 21P
   Low Power, Low Noise and Distortion ail-to-Rail Output Amplifiers
Rev. E
More results

Similar Description - AN-937

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHSLNA57064 IRF-IRHSLNA57064_15 Datasheet
120Kb / 9P
   Simple Drive Requirements
IRHQ6110 IRF-IRHQ6110_15 Datasheet
264Kb / 14P
   Simple Drive Requirements
IRHQ9110 IRF-IRHQ9110_15 Datasheet
205Kb / 8P
   Simple Drive Requirements
IRHNA7264SE IRF-IRHNA7264SE_15 Datasheet
123Kb / 8P
   Simple Drive Requirements
IRHNA57163SE IRF-IRHNA57163SE_15 Datasheet
184Kb / 8P
   Simple Drive Requirements
IRHYS67230CM IRF-IRHYS67230CM_15 Datasheet
206Kb / 9P
   Simple Drive Requirements
IRHNA67164 IRF-IRHNA67164_15 Datasheet
198Kb / 9P
   Simple Drive Requirements
IRHNA67264 IRF-IRHNA67264_15 Datasheet
195Kb / 9P
   Simple Drive Requirements
IRHNA597160 IRF-IRHNA597160_15 Datasheet
185Kb / 8P
   Simple Drive Requirements
IRLF120 IRF-IRLF120_15 Datasheet
312Kb / 7P
   Simple Drive Requirements
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com